전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7832 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA7832
상세설명  Color TV Vertical Deflection Output Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7832 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA7832 Datasheet HTML 1Page - Sanyo Semicon Device LA7832 Datasheet HTML 2Page - Sanyo Semicon Device LA7832 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pin Assignment and Functional Block Diagram
Sample Application Circuit
Sample Application Circuit
LA7820 vertical output
LA7620 vertical output
Sample Application Circuit
LA7850 vertical output
Pd max — Ta
Tightening torque: 4 kg/cm
Coated with silicone grease
No heat sink
Ambient temperature, Ta — °C
30 x 30 x 1.5 mm
3 with Al heat sink
50 x 50 x 1.5 mm
3 with Al heat sink
With arbitrarily large heat sink
Vertical driver
R1* = several hundreds of ohms to 1 k
*:
CR used against oscillation
The combination depends on the oscillation
mode.
LA7832
No.5145-2/3


유사한 부품 번호 - LA7832

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
LA7831 SANYO-LA7831 Datasheet
78Kb / 2P
   LA7831
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7835 SANYO-LA7835 Datasheet
80Kb / 5P
   Vertical Deflection Output Circuit with Driver for Color TV Use
LA7836 SANYO-LA7836 Datasheet
79Kb / 5P
   Vertical Deflection Output Circuit with Driver for TV Sets and Monitors
More results

유사한 설명 - LA7832

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
logo
NTE Electronics
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1773 NTE-NTE1773 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
2SD402 ETC-2SD402 Datasheet
42Kb / 1P
   Color TV Vertical Deflection Output
logo
Fairchild Semiconductor
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
logo
List of Unclassifed Man...
2SD1587 ETC-2SD1587 Datasheet
30Kb / 1P
   Color TV Vertical Deflection Output
logo
Fairchild Semiconductor
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
logo
NTE Electronics
NTE7056 NTE-NTE7056 Datasheet
72Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com