전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA6827M 데이터시트(PDF) 9 Page - Sanken electric

부품명 SLA6827M
상세설명  High Voltage 3-Phase Motor Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6827M 데이터시트(HTML) 9 Page - Sanken electric

Back Button SLA6827M Datasheet HTML 5Page - Sanken electric SLA6827M Datasheet HTML 6Page - Sanken electric SLA6827M Datasheet HTML 7Page - Sanken electric SLA6827M Datasheet HTML 8Page - Sanken electric SLA6827M Datasheet HTML 9Page - Sanken electric SLA6827M Datasheet HTML 10Page - Sanken electric SLA6827M Datasheet HTML 11Page - Sanken electric SLA6827M Datasheet HTML 12Page - Sanken electric SLA6827M Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
High Voltage 3-Phase Motor Drivers
9
SLA6820M
Series
1.27 ±0.2
0.6
16.4 ±0.2
24.4 ±0.2
Ø3.2 ±0.15
31 ±0.2
Gate protrusion
Gate protrusion
9.9 ±0.1
12.9 ±0.2
16 ±0.2
A
A
B To case top
1.7 ±0.1
4.8 ±0.2
R1
REF
0.5 ±0.1
2.45 ±0.1
BSC
B
Ø3.2 ±0.15
31.3 ±0.1
View A
2
46
8
10
12
14
16
18
20
22
24
1
3
5
7
9
11
13
15
17
19
21
23
Measured at pin exit from case
4.4
REF
2.2 ±0.6
BSC
2.2 ±0.6
BSC
3 ±0.3
BSC
0.6 +0.2
– 0.1
Deflection at pin bend
0.7 MAX
0.7 MAX
View A
Leadform: 2175
Terminal core material: Cu
Terminal plating: Ni
Recommended attachment: Solder dip (Sn-Ag-Cu)
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: SLA682xM
2nd line, lot:
YMDD#
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
# is the tracking letter
Branding Area
Exposed
heatsink pad
Package Outline Drawing
Leadform 2175
Dual rows, 24 alternating pins; pins bent 90° for horizontal case mounting; pin #1 in outer row
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


유사한 부품 번호 - SLA6827M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA6827M SANKEN-SLA6827M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
More results

유사한 설명 - SLA6827M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com