전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6861M 데이터시트(PDF) 10 Page - Sanken electric

부품명 SMA6861M
상세설명  High Voltage 3-Phase Motor Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6861M 데이터시트(HTML) 10 Page - Sanken electric

Back Button SMA6861M Datasheet HTML 6Page - Sanken electric SMA6861M Datasheet HTML 7Page - Sanken electric SMA6861M Datasheet HTML 8Page - Sanken electric SMA6861M Datasheet HTML 9Page - Sanken electric SMA6861M Datasheet HTML 10Page - Sanken electric SMA6861M Datasheet HTML 11Page - Sanken electric SMA6861M Datasheet HTML 12Page - Sanken electric SMA6861M Datasheet HTML 13Page - Sanken electric SMA6861M Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
High Voltage 3-Phase Motor Drivers
10
SMA6860M
Series
1
3
5
7
9
11
131517192123
2
4
6
8
10
12
14
16
18
20
22
24
Chamfer Side
Leadform 2452
Leadform 2451
Chamfer on Opposite Side
13579
11
13
15
17
19
21
23
2468
10
12
14
16
18
20
22
24
Pin-out Diagrams
Terminal List Table
Number
Name
Function
1
VB1
High side bootstrap terminal (U phase)
2
VB2
High side bootstrap terminal (V phase)
3
VB3
High side bootstrap terminal (W phase)
4
VCC1
High side logic supply voltage
5
SD1
High side shutdown input and UVLO fault signal output
6
COM1
High side logic GND terminal
7
HIN3
High side input terminal (W phase)
8
HIN2
High side input terminal (V phase)
9
HIN1
High side input terminal (U phase)
10
VBB
Main supply voltage
11
W1
Output of W phase (connect to W2 externally)
12
V
Output of V phase
13
W2
Output of W phase (connect to W1 externally)
14
LS2
Low side source terminal (connect to LS1 externally)
15
RC
Overcurrent protection hold time adjustment input terminal
16
LS1
Low side source terminal (connect to LS2 externally)
17
OCL
Output for overcurrent limiting
18
LIN3
Low side input terminal (W phase)
19
LIN2
Low side input terminal (V phase)
20
LIN1
Low side input terminal (U phase)
21
COM2
Low side GND terminal
22
SD2
Low side shutdown input and overtemperature, overcurrent, and UVLO fault signals output
23
VCC2
Low side logic supply voltage
24
U
Output of U phase


유사한 부품 번호 - SMA6861M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6861M SANKEN-SMA6861M Datasheet
241Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6861MZ SANKEN-SMA6861MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results

유사한 설명 - SMA6861M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com