전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1142 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI1142
상세설명  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1142 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI1142 Datasheet HTML 1Page - Silicon Laboratories SI1142 Datasheet HTML 2Page - Silicon Laboratories SI1142 Datasheet HTML 3Page - Silicon Laboratories SI1142 Datasheet HTML 4Page - Silicon Laboratories SI1142 Datasheet HTML 5Page - Silicon Laboratories SI1142 Datasheet HTML 6Page - Silicon Laboratories SI1142 Datasheet HTML 7Page - Silicon Laboratories SI1142 Datasheet HTML 8Page - Silicon Laboratories SI1142 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Si11 41/42/43
Preliminary Rev. 0.5
5
Table 3. Performance Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IDD OFF Mode
Ioff
VDD < VDD_OFF (leakage from SCL,
SDA, and INT not included)
240
1000
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
after t > TBD µs, VDD =1.8 V
150
500
nA
IDD Standby Mode
Isb
No ALS / PS Conversions
No I2C Activity
after t > TBD µs, VDD =3.3 V
—1.83
µA
IDD Actively Measuring
Iactive
Without LED influence, VDD = 3.3 V
4.3
5.2
mA
Peak IDD while LED1,
LED2, or LED3 is Actively
Driven
VDD =3.3 V
8
mA
LED1, LED2, LED3,
Saturation Voltage2
1.8< VDD<2.4, ILEDx<100 mA
1.8<VDD<2.4, ILEDx< 200 mA
2.4<VDD<3.6, ILEDx<200 mA
2.4<VDD<3.6, ILEDx<359 mA
0.3
0.5
0.3
0.5
V
LED1, LED2, LED3
Pulse Width
tPS
—25.6
30
µs
LED1, LED2, LED3
Leakage Current
VDD =3.3 V, VLEDx<3.0, no strobe
VDD = 3.3 V, 3.0<VLEDx< 5.0, no strobe
.01
1.0
5.0
5.0
µA
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.
4. Applies to single 25.6 µs pulse measurement. By increasing irLED pulse width, 0.001 µW/cm2 under low light is
possible.
5. ALS Sensitivity under low light conditions can be improved by increasing ADC integration time. 10 mlx resolution
possible under the highest ADC integration time setting.


유사한 부품 번호 - SI1142

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI1142-A11-GMR SILABS-SI1142-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1142-M01-GMR SILABS-SI1142-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
SI1142-M01-GMR SILABS-SI1142-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
More results

유사한 설명 - SI1142

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com