전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1501S-B 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 UF1501S-B
상세설명  1.5A ULTRA-FAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF1501S-B 데이터시트(HTML) 2 Page - Diodes Incorporated

  UF1501S-B Datasheet HTML 1Page - Diodes Incorporated UF1501S-B Datasheet HTML 2Page - Diodes Incorporated UF1501S-B Datasheet HTML 3Page - Diodes Incorporated UF1501S-B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UF1501/S - UF1507/S
Document number: DS25006 Rev. 5 - 2
2 of 4
www.diodes.com
December 2010
© Diodes Incorporated
UF1501/S - UF1507/S
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
1501/S
UF
1502/S
UF
1503/S
UF
1504/S
UF
1505/S
UF
1506/S
UF
1507/S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 3)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 4) @ TA = 50°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient
RθJA
70
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
UF
1501/S
UF
1502/S
UF
1503/S
UF
1504/S
UF
1505/S
UF
1506/S
UF
1507/S
Unit
Forward Voltage @ IF = 1.5A
VFM
1.0
1.3
1.7
V
Peak Reverse Current @ TA = 25°C
at Rated DC Blocking Voltage (Note 3) @ TA = 100°C
IRM
5.0
100
μA
Reverse Recovery Time (Note 5)
trr
50
75
ns
Typical Total Capacitance (Note 6)
CT
35
20
pF
Notes:
3. Short duration pulse test used to minimize self-heating effect.
4. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
5. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
6. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
0
0.3
0.6
0.9
1.2
1.5
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F


유사한 부품 번호 - UF1501S-B

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
UF1501S DIODES-UF1501S Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
UF1501S DIODES-UF1501S_15 Datasheet
130Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
More results

유사한 설명 - UF1501S-B

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
UF1501 DIODES-UF1501 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
UF1501S DIODES-UF1501S_15 Datasheet
130Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
UF1501 DIODES-UF1501_1 Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
   1.5A Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151-LFR FRONTIER-HER151-LFR Datasheet
128Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151G FRONTIER-HER151G Datasheet
1,006Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com