전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA9702W 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA9702W
상세설명  DVD Player Front End Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9702W 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA9702W Datasheet HTML 1Page - Sanyo Semicon Device LA9702W Datasheet HTML 2Page - Sanyo Semicon Device LA9702W Datasheet HTML 3Page - Sanyo Semicon Device LA9702W Datasheet HTML 4Page - Sanyo Semicon Device LA9702W Datasheet HTML 5Page - Sanyo Semicon Device LA9702W Datasheet HTML 6Page - Sanyo Semicon Device LA9702W Datasheet HTML 7Page - Sanyo Semicon Device LA9702W Datasheet HTML 8Page - Sanyo Semicon Device LA9702W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
No. 6575 -3/10
LA9702W
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
The difference in the pin 30 voltage between when
DPD phase difference
input with pin 1 = SREF, pin 2 = 5 MHz with 0° phase,
Voltage difference 3
PD3
pin 5 = 5 MHz with 36° phase, and input with
0.25
0.37
0.48
V
pin 1 = SREF, pin 2 = 5 MHz with 36° phase,
pin 5 = 5 MHz with 0° phase. RL = 6.8 kΩ
The difference in the pin 30 voltage between when
DPD phase difference
input with pin 1 = SREF, pin 2 = 5 MHz with 0° phase,
Voltage difference 4
PD4
pin 6 = 5 MHz with 36° phase, and input with
–0.48
–0.37
–0.25
V
pin 1 = SREF, pin 2 = 5 MHz with 36° phase,
pin 6 = 5 MHz with 0° phase. RL = 6.8 kΩ
DPD offset
DPDOF
Pin 1 = SREF, 2 = 3 = 4 = 5 = 5 MHz, RL = 6.8 kΩ
SREF – 0.5
SREF
SREF + 0.5
V
APC1 reference voltage
LDS1
Pin 72 = 5 V
150
180
200
mV
APC1 off level
LDD1
Pin 72 = 0 V
4.5
5
V
APC2 reference voltage
LDS2
Pin 70 = 5 V
150
180
200
mV
APC2 off level
LDD2
Pin 70 = 0 V
4.5
5
V
DFFTMU
DEFTMU
Pin 2 = 80 kHz. The time difference from a pin 2 edge to
1.8
4
5.8
µS
the rising edge on pin 46.
DFFTMD
DFFTMD
Pin 2 = 80 kHz. The time difference from a pin 2 edge to
100
500
µS
the falling edge on pin 46.
BPF1
BPF1
Pin 34 = 210 kHz, pin 32
–1
2
5
dB
BPF2
BPF2
Pin 34 = 120 kHz, pin 32
–20
–4
0
dB
BPF3
BPF3
Pin 34 = 3500 kHz, pin 32
–20
–6.5
–1
dB


유사한 부품 번호 - LA9702W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
LA9703W SANYO-LA9703W Datasheet
390Kb / 16P
   Front End Processor for DVD Player
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
More results

유사한 설명 - LA9702W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
MT1389DE ETC1-MT1389DE Datasheet
1Mb / 5P
   MediaTek MT1389DE DVD Player Chip Set MTK / Processor IC TQFP
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Samsung semiconductor
S5L1454A SAMSUNG-S5L1454A Datasheet
1Mb / 161P
   DVD PLAYER DIGITAL SERVO & DSP IC
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com