전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11817 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LB11817
상세설명  Three-Phase Full-Wave Linear Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11817 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11817 Datasheet HTML 2Page - Sanyo Semicon Device LB11817 Datasheet HTML 3Page - Sanyo Semicon Device LB11817 Datasheet HTML 4Page - Sanyo Semicon Device LB11817 Datasheet HTML 5Page - Sanyo Semicon Device LB11817 Datasheet HTML 6Page - Sanyo Semicon Device LB11817 Datasheet HTML 7Page - Sanyo Semicon Device LB11817 Datasheet HTML 8Page - Sanyo Semicon Device LB11817 Datasheet HTML 9Page - Sanyo Semicon Device LB11817 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
No. 6213-6/10
LB11817
Pin Functions
Pin No.
Symbol
Pin voltage
Function
Equivalent circuit
1
TC
1
Continued on next page.
• Connection for the external capacitor
used to adjust the index timing.
L: 0.4 Vmax
H: 4.5 Vmin
2
ID
2
• Index output
L: 1.0 Vmax
H: 3.5 Vmin
3
S/S
3
VCC
• Start/stop control.
This is an active-low input.
L: 1.0 Vmax
H: 3.5 Vmin
4
SL
4
VCC
• Speed switching input
L: 0.5 Vmax
H: VCC – 1.0 Vmin
5
CLK
2 k
VCC
5
• Reference clock input.
The threshold voltage is 1.25 V. At
1 MHz, the LB11817 supports speeds of
300 and 360 rpm.
6
7
FC
DO
• Speed discriminator
VCC
7
• Frequency characteristics correction.
Oscillation in the current control closed-
loop circuit can be stopped by inserting a
capacitor between this pin and ground.


유사한 부품 번호 - LB11817

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

유사한 설명 - LB11817

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PT-30DFX ETC1-PT-30DFX Datasheet
88Kb / 1P
   Single- Phase Full-Wave Linear Drive
logo
Sensitron
S6A305HE SENSITRON-S6A305HE Datasheet
44Kb / 2P
   THREE PHASE FULL WAVE
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TC78B002FTG TOSHIBA-TC78B002FTG Datasheet
765Kb / 27P
   Single-phase full-wave drive
logo
Sensitron
SL30340S7 SENSITRON-SL30340S7 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
SL30380 SENSITRON-SL30380 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A310FR SENSITRON-S10A310FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A340FR SENSITRON-S10A340FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com