전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11824M 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LB11824M
상세설명  Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11824M 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LB11824M Datasheet HTML 1Page - Sanyo Semicon Device LB11824M Datasheet HTML 2Page - Sanyo Semicon Device LB11824M Datasheet HTML 3Page - Sanyo Semicon Device LB11824M Datasheet HTML 4Page - Sanyo Semicon Device LB11824M Datasheet HTML 5Page - Sanyo Semicon Device LB11824M Datasheet HTML 6Page - Sanyo Semicon Device LB11824M Datasheet HTML 7Page - Sanyo Semicon Device LB11824M Datasheet HTML 8Page - Sanyo Semicon Device LB11824M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
No. 7107-3/17
LB11824M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hall Amplifier Block
Input bias current
IHB (HA)
–2
–0.5
µA
Common-mode input voltage range 1
VICM1
Hall device used
0.5
VCC1 – 2.0
V
Common-mode input voltage range 2
VICM2
For input one-side bias (Hall IC application)
0
VCC1
V
Hall input sensitivity
50
mVp-p
Hysteresis width
∆VIN (HA)
20
30
50
mV
Input voltage L
→ H
VSLH (HA)
5
15
25
mV
Input voltage H
→ L
VSHL (HA)
–25
–15
–5
mV
VCTL pin
Input voltage 1
VCTL1
Output duty 0%
1.05
1.4
1.75
V
Input voltage 2
VCTL2
Output duty 100%
3.0
3.5
4.1
V
Input bias current 1
IB1 (CTL) VCTL = 0 V
–80
–60
µA
Input bias current 2
IB2 (CTL) VCTL = 5 V
60
80
µA
PWM oscillator (PWM pin)
Output H level voltage
VOH (PWM)
2.75
3.0
3.25
V
Output L level voltage
VOL (PWM)
1.0
1.2
1.3
V
External C charge current
ICHG
VPWM = 2.1 V
–60
–45
–30
µA
Oscillator frequency
f (PWM)
C = 1000pF
17.6
22
26.8
kHz
Amplitude
V (PWM)
1.6
1.8
2.1
Vp-p
TOC pin
Input voltage 1
VTOC1
Output duty 0%
2.72
3.0
3.30
V
Input voltage 2
VTOC2
Output duty 100%
0.99
1.2
1.34
V
Input voltage 1L
VTOC1L
Design target value*, 0% with VCC2 = 4.7 V
2.72
2.80
2.90
V
Input voltage 2L
VTOC2L
Design target value*, 100% with VCC2 = 4.7 V
0.99
1.08
1.17
V
Input voltage 1H
VTOC1H
Design target value*, 0% with VCC2 = 5.3 V
3.08
3.20
3.30
V
Input voltage 2H
VTOC2H
Design target value*, 100% with VCC2 = 5.3 V
1.11
1.22
1.34
V
HP pin
Output saturation voltage
VHPL
IO = 7 mA
0.15
0.5
V
Output leakage current
IHP leak
VO = 13.5 V
10
µA
CSD oscillator (CSD pin)
Output H level voltage
VOH (CSD)
3.2
3.6
4.0
V
Output L level voltage
VOL (CSD)
0.9
1.1
1.3
V
External C charge current
ICHG1
–14
–10
–6
µA
External C discharge current
ICHG2
7
11
15
µA
Oscillator frequency
f (CSD)
C = 0.01 µF
200
Hz
Amplitude
V (CSD)
2.2
2.5
2.75
Vp-p
Current limiter circuit (RF pin)
Limiter voltage
VRF
0.45
0.5
0.55
V
Continued from preceding page.
Continued on next page.
Note*: These items are design target values and are not tested.


유사한 부품 번호 - LB11824M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11825M SANYO-LB11825M Datasheet
250Kb / 8P
   LB11825M
More results

유사한 설명 - LB11824M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com