전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBT70A 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 SMBT70A
상세설명  400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBT70A 데이터시트(HTML) 2 Page - Diodes Incorporated

  SMBT70A Datasheet HTML 1Page - Diodes Incorporated SMBT70A Datasheet HTML 2Page - Diodes Incorporated SMBT70A Datasheet HTML 3Page - Diodes Incorporated SMBT70A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMAT70A / SMBT70A
Document number: DS30213 Rev. 10 - 2
2 of 4
www.diodes.com
July 2009
© Diodes Incorporated
SMAT70A / SMBT70A
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
tp
t, TIME (ms)
Fig. 2 Pulse Waveform
0.1
1.0
0.1
10
100
1.0
10
1,000
10,000
T = 25 C
J
°
SMBT70A
SMAT70A
100
Non Repetitive
Pulse Waveform
Shown in Fig. 3
t , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
75
80
85
90
025
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Average Breakdown Voltage vs. Ambient Temperature
A
95
100
50
100
75
125
150
Ordering Information (Note 6)
Part Number
Case
Packaging
SMAT70A-13-F
SMA
5000/Tape & Reel
SMBT70A-13-F
SMB
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xxx = Product type marking code
See Electrical Characteristics Table
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
xxx


유사한 부품 번호 - SMBT70A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMBT70A DIODES-SMBT70A Datasheet
79Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMBT70A-13 DIODES-SMBT70A-13 Datasheet
79Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMBT70A-13-F DIODES-SMBT70A-13-F Datasheet
80Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. 7 - 2
More results

유사한 설명 - SMBT70A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAT70A DIODES-SMAT70A_1 Datasheet
80Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. 7 - 2
SMAT70A DIODES-SMAT70A Datasheet
79Kb / 3P
   400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com