전자부품 데이터시트 검색엔진 |
|
LB11996H 데이터시트(PDF) 9 Page - Sanyo Semicon Device |
|
LB11996H 데이터시트(HTML) 9 Page - Sanyo Semicon Device |
9 / 10 page LB11996,11996H No. 6181-9/10 Continued from preceding page Control reference voltage applied pin. Determines control start voltage. Speed control voltage applied pin. V type control technique VC > VCREF : Forward VC < VCREF : Slowdown (Reverse-blocking circuit prevents reverse rotation.) W-phase output. Output transistor GND. V-phase output. Upper side output NPN transistor collector pin (common for all 3 phases). For current detection, connect resistor between VCC3 pin and RF pin. Constant current control and current limiter works by detecting this voltage. Short brake pin. BRAKE: High –> Brake Low/Open –> Drive U-phase output. VCREF VC WOUT VOUT UOUT 0V to VCC1 GND pin for all circuits except output. Control loop frequency compensator pin. Connecting a capacitor between this pin and GND prevents closed loop oscillation in current limiting circuitry. Pin number Pin name Pin voltage Equivalent circuit Pin function SIG GND FC PWR GND RF FGSEL BRAKE 18 (8) 20 (6) 21 (5) 22 (4) 23 (2) 24 (1) 1 (28) 2 (27) 5 (23) 19 (7) 16 (12) 0V to 3.5V Unit (resistance: Ω) 3 Hall FG/1 Hall FG select pin. FGSEL: High –> 3 Hall FG Low/Open –> 1 Hall FG ( 6 ) 20 20k 5k 2k VCC1 51k 21 200 25 200 µA 25 µA VCC1 15 µA 15 µA 22 ( 4 ) ( 5 ) 5 3.9 3.9 VCC2 1 23 2 24 ( 23 ) (2 28 27) • • ( 1 ) VCC1 50k 75k 19 ( 7 ) 100 µA VCC1 50k 75k 16 ( 12 ) |
유사한 부품 번호 - LB11996H |
|
유사한 설명 - LB11996H |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |