전자부품 데이터시트 검색엔진 |
|
LB11996H 데이터시트(PDF) 4 Page - Sanyo Semicon Device |
|
LB11996H 데이터시트(HTML) 4 Page - Sanyo Semicon Device |
4 / 10 page LB11996,11996H No. 6181-4/10 Truth Table Input: H: Input 1 is higher in potential than input 2 by at least 0.2V. L: Input 1 is lower in potential than input 2 by at least 0.2V. Brake Operation Brake pin H L Brake operation Normal rotation Operation FGSEL (1 Hall /3 Hall select) FGSEL H L 3 Hall FG output 1 Hall FG output FG output principle Source Input Control Sink U V W Phase W –> Phase V H Phase V –> Phase W L Phase W –> Phase U H Phase U –> Phase W L Phase V –> Phase W H Phase W –> Phase V L Phase U –> Phase V H Phase V –> Phase U L Phase V –> Phase U H Phase U –> Phase V L Phase U –> Phase W H Phase W –> Phase U L 1 2 3 4 5 6 H H H H H H H H H L L L L L L L L L VC |
유사한 부품 번호 - LB11996H |
|
유사한 설명 - LB11996H |