전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103ATW 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SD103ATW
상세설명  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103ATW 데이터시트(HTML) 1 Page - Diodes Incorporated

  SD103ATW_08 Datasheet HTML 1Page - Diodes Incorporated SD103ATW_08 Datasheet HTML 2Page - Diodes Incorporated SD103ATW_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103ATW
Document number: DS30374 Rev. 9 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
SD103ATW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Features
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Fast Switching
Low Leakage Current
Three Fully Isolated Schottky Diodes
Lead Free/RoHS Compliant (Note 3)
"Green" Device (Note 5 and 6)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Polarity: See Diagram
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.006 grams (approximate)
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current
(Note 1)
IFM
350
mA
Average Rectified Current
(Note 1)
IO
175
mA
Non-Repetitive Peak Forward Surge Current
(Note 1) @ t
≤ 10ms
IFSM
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 4)
PD
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 4)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
(Note 2)
V(BR)R
40
V
IRS = 100μA (pulsed)
Forward Voltage Drop
VF
0.27
0.32
0.36
0.44
0.37
0.50
V
V
V
V
IF = 1mA
IF = 5mA
IF = 20mA
IF = 100mA
Reverse Current
(Note 2)
IR
0.2
0.4
2.0
5.0
μA
μA
VR = 10V
VR = 30V
Total Capacitance
CT
50
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
10
ns
IF = IR = 200mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. This is the maximum rating of single Diode (D1 or D2 or D3). In the case of using two or three diodes, the maximum ratings per diode are 75% of the
ratings for single diode operation.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


유사한 부품 번호 - SD103ATW_08

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD103ATW-7 DIODES-SD103ATW-7 Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ATW-7-F DIODES-SD103ATW-7-F Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
Formosa MS
SD103ATW FORMOSA-SD103ATW_10 Datasheet
95Kb / 7P
   175mA Surface Mount Small Signal Schottky Diode Array-40V
logo
Micro Commercial Compon...
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
More results

유사한 설명 - SD103ATW_08

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
logo
Leshan Radio Company
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com