전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27402SQ 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM27402SQ
상세설명  High Performance Synchronous Buck Controller with DCR Current Sensing
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402SQ 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM27402SQ Datasheet HTML 1Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 2Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 3Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 4Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 5Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 6Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 7Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 8Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Pin Descriptions
eTSSOP
Pin #
LLP Pin #
Name
Description
1
16
CS+
Non-inverting input to the current sense comparator.
2
15
CS-
Inverting input to the current sense comparator with +10 µA offset current for
adjustable current limit setpoint.
3
1
SS/TRACK
Soft-start or tracking input. A startup rate can be defined with the use of an
external soft-start capacitor from SS/TRACK to GND. A +3 µA current source
charges the soft-start capacitor to set the output voltage rise time during startup.
SS/TRACK can also be controlled with an external voltage source for tracking.
SS/TRACK should not exceed the voltage on VDD.
4
2
FB
Inverting input to the error amplifier to set the output voltage and compensate
the voltage mode control loop.
5
3
COMP
Output of the internal error amplifier. The COMP voltage is compared to an
internally generated ramp of the PWM comparator to establish the duty cycle
command.
6
4
FADJ
Frequency adjust pin. The switching frequency can be set to a predetermined
rate by connecting a resistor between FADJ and GND.
7
6
SYNC
Frequency synchronization pin. An external clock signal can be applied to SYNC
to set the switching frequency. The SYNC frequency must be greater than the
frequency set by the FADJ pin. If the signal is not present, the switching
frequency will decrease to the frequency set by the FADJ resistor. SYNC should
not exceed the voltage on VDD and should be grounded if not used.
8
5
EN
LM27402 enable pin. Apply a voltage typically higher than 1.17V to EN and the
LM27402 will begin to switch if VIN and VDD have exceeded the UVLO voltage.
A hysteresis of 100 mV on EN provides noise immunity. EN is internally tied to
VDD through a 2 µA pullup current source. EN should not exceed the voltage on
VDD.
9
8
PGOOD
Power good output flag. PGOOD is connected to the drain of a pulldown FET.
The PGOOD pin is typically connected to VDD through a pull-up resistor.
10
7
VIN
Input supply rail. The VIN operating range is 3V to 20V and is connected to the
input rail through an RC filter.
11
9
GND
Common ground.
12
10
VDD
Internal sub-regulated 4.5V bias supply. VDD is used to supply the voltage on
CBOOT to facilitate high-side FET switching. Connect a 1 µF ceramic capacitor
from VDD to GND as close as possible to the LM27402. VDD cannot be
connected to a separate voltage rail. However, VDD can be connected to VIN to
provide increased gate drive only if V
IN 5.5V. A 1Ω, 1 µF input filter can be used
for increased noise rejection.
13
11
LG
Low-side N-FET gate drive.
14
12
SW
Switch-node connection and return path for the high-side gate driver.
15
14
HG
High-side N-FET gate drive.
16
13
CBOOT
High-side gate driver supply rail. Connect a ceramic capacitor from CBOOT to
SW and a Schottky diode from VDD to CBOOT.
EP
EP
EP
Exposed Pad. The EP must be connected to GND but cannot be used as the
primary ground connection. Use multiple vias under this pad for optimal thermal
performance.
3
www.national.com


유사한 부품 번호 - LM27402SQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27402SQ/NOPB TI-LM27402SQ/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
LM27402SQX/NOPB TI-LM27402SQX/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
More results

유사한 설명 - LM27402SQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com