전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27402SQ 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM27402SQ
상세설명  High Performance Synchronous Buck Controller with DCR Current Sensing
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402SQ 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  LM27402SQ Datasheet HTML 1Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 2Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 3Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 4Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 5Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 6Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 7Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 8Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Unless otherwise specified,
voltages are from the indicated
pins to GND.
VIN, CS+, CS-, SW
-0.3V to +22V
VDD, PGOOD
-0.3V to +6V
EN, SYNC, SS/TRACK, FADJ,
COMP, FB, LG
-0.3V to VDD
CBOOT
-0.3V to +24V
CBOOT to SW
+6V
CS+ to CS-
-2V to +2V
Storage Temperature
-65°C to 150°C
Junction Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
260°C
Minimum ESD Rating (Note 2)
±2kV
Operating Ratings (Note 1)
Input Voltage Range (Note 3)
VIN
+3.0V to +20V
VIN (VDD = VIN)
+3.0V to +5.5V
VDD to GND
+2.2V to +5.5V
SS/TRACK, SYNC, EN
0V to V
VDD
PGOOD
0V to +5.5V
Junction Temperature
-40°C to + 125°C
θ
JA (LLP-16) (Note 4)
40°C/W
θ
JA (eTSSOP-16) (Note 4)
40°C/W
Electrical Characteristics Unless otherwise stated, the following conditions apply: V
IN = 12V. Limits in standard
type are for T
J = 25°C only, limits in bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum
and maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at T
J = 25°C and are provided for reference purposes only.
System Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OPERATIONAL SPECIFICATIONS
I
Q
Quiescent Current
V
FB = 0.6V (not switching)
4.5
6.0
mA
I
QSD
Quiescent Current In Shutdown
V
EN = 0V
25
45
µA
UVLO
UVLO
Input Under Voltage Lockout
V
VIN Rising, VVDD Rising
2.7
2.9
2.99
V
UVLO
HYS
UVLO Hysteresis
V
VIN Falling, VVDD Falling
300
mV
REFERENCE
V
FB
Feedback Voltage
0.594
0.600
0.606
V
I
FB
Feedback Pin Bias Current
V
FB = 0.65V
-50
0
50
nA
SWITCHING
F
SW
Switching Frequency
R
FADJ = 4.12 kΩ
950
1150
1350
kHz
F
SW
Switching Frequency
R
FADJ = 20 kΩ
400
500
600
kHz
F
SW
Switching Frequency
R
FADJ = 95.3 kΩ
175
214
265
kHz
D
MAX
Maximum Duty Cycle
F
SW = 300 kHz
93
95
%
T
OFF_MIN
Minimum Off Time
V
FB = 0.5V
125
165
205
ns
VDD SUB-REGULATOR
V
DD
Sub-Regulator Output Voltage
I
DD = 25 mA
4.0
4.5
5.0
V
ERROR AMPLIFIER
B
W-3db
Open Loop Bandwidth
2
MHz
A
VOL
Error Amp DC Gain
50
dB
V
SLEW_RISE
Error Amplifier Rising Slew Rate
V
FB = 0.5V
5
V/µs
V
SLEW_FALL
Error Amplifier Falling Slew Rate
V
FB = 0.7V
3
V/µs
I
SOURCE
COMP Source Current
V
FB = 0.5V
8
12
mA
I
SINK
COMP Sink Current
V
FB = 0.7V
4
12
mA
V
COMP_MAX
Max COMP Voltage
V
FB = 0.5V
3.1
V
V
COMP_MIN
Min COMP Voltage
V
FB = 0.7V
0.5
V
www.national.com
4


유사한 부품 번호 - LM27402SQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27402SQ/NOPB TI-LM27402SQ/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
LM27402SQX/NOPB TI-LM27402SQX/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
More results

유사한 설명 - LM27402SQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com