전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1660N 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LB1660N
상세설명  2-Phase Unipolar Brushless Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1660N 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LB1660N Datasheet HTML 1Page - Sanyo Semicon Device LB1660N Datasheet HTML 2Page - Sanyo Semicon Device LB1660N Datasheet HTML 3Page - Sanyo Semicon Device LB1660N Datasheet HTML 4Page - Sanyo Semicon Device LB1660N Datasheet HTML 5Page - Sanyo Semicon Device LB1660N Datasheet HTML 6Page - Sanyo Semicon Device LB1660N Datasheet HTML 7Page - Sanyo Semicon Device LB1660N Datasheet HTML 8Page - Sanyo Semicon Device LB1660N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2-Phase Unipolar Brushless Motor Drivers
Applications
.
2-phase unipolar brushless motor (ex. DC brushless fan
motor) drivers
Features and Functions
.
Output current : 1.5 A
.
On-chip output protect zener diodes : 60 V (LB1660N,
1664N)
.
Output stage withstand voltage: 85 V (LB1661, 1665)
.
On-chip hall input amplifier
.
On-chip protector against lock
.
With lock detect pin
Package Dimensions
unit : mm
3001B-DIP8
[LB1661N, 1661]
SANYO : DIP8
unit : mm
3054A-DIP16F
[LB1664N, 1665]
SANYO : DIP16F
Ordering number: EN2551C
Monolithic Digital IC
LB1660N, 1661, 1664N, 1665
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O1096HA(II) 7037KI/6227TA No.2251-1/9


유사한 부품 번호 - LB1660N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662M SANYO-LB1662M Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
More results

유사한 설명 - LB1660N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com