전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847BLP4 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 BC847BLP4
상세설명  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BLP4 데이터시트(HTML) 3 Page - Diodes Incorporated

  BC847BLP4 Datasheet HTML 1Page - Diodes Incorporated BC847BLP4 Datasheet HTML 2Page - Diodes Incorporated BC847BLP4 Datasheet HTML 3Page - Diodes Incorporated BC847BLP4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC847BLP4
Document number: DS31297 Rev. 5 - 2
3 of 4
www.diodes.com
July 2009
© Diodes Incorporated
BC847BLP4
Ordering Information (Note 5)
Part Number
Case
Packaging
BC847BLP4-7
DFN1006H4-3
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
DFN1006H4-3
Dim
Min
Max
Typ
A
0.40
A1
0
0.05
0.02
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
0.40
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
F1 = Product Type Marking Code
Dot Denotes Collector Side
F1
L2
A1
E
b2
L1
L3
D
e
b1
A
Y
C
G1
G2
X
X
1
Z
DFN1006H4-3 Taping orientation
Direction of feed


유사한 부품 번호 - BC847BLP4

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC847BLP4 DIODES-BC847BLP4 Datasheet
148Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BLP4-7 DIODES-BC847BLP4-7 Datasheet
148Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BLP4-7B DIODES-BC847BLP4-7B Datasheet
148Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BLP4 DIODES-BC847BLP4_11 Datasheet
148Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results

유사한 설명 - BC847BLP4

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com