전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1695M 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LB1695M
상세설명  DC Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1695M 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LB1695M Datasheet HTML 1Page - Sanyo Semicon Device LB1695M Datasheet HTML 2Page - Sanyo Semicon Device LB1695M Datasheet HTML 3Page - Sanyo Semicon Device LB1695M Datasheet HTML 4Page - Sanyo Semicon Device LB1695M Datasheet HTML 5Page - Sanyo Semicon Device LB1695M Datasheet HTML 6Page - Sanyo Semicon Device LB1695M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview
The LB1695M is a 3-phase brushless motor driver IC that
is optimal for driving the DC fan motors used in home
appliances such as water heaters.
Package Dimensions
unit: mm
3216A-MFP30S
Monolithic Digital IC
12398HA(OT) No. 5802-1/6
SANYO: MFP30S
[LB1695M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
DC Fan Motor Driver
LB1695M
Ordering number : EN5802
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
10
V
VM
45
V
Output current
IO
2A
Allowable power dissipation
Pd max
When mounted on a printed circuit board (114.3
× 76.1 × 1.6 mm, glass epoxy)
2W
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating supply voltage range
VCC
4.5 to 5.5
V
VM
5 to 42
V
Voltage slew rate at power on
∆VCC/∆t
At the point VCC = VLVSD (OFF)*
Under 0.04
V/µs
∆VM/∆t
At the point VM = 0 V*
Under 0.16
V/µs
Note: For the items marked with asterisks (*), through currents may flow in the outputs if the power supply voltage slew rate is excessive.
Allowable Operating Ranges at Ta = 25°C
Glass epoxy board with a 56%
wiring density
(When mounted)
Ambient temperature, Ta - °C


유사한 부품 번호 - LB1695M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
LB1695D SANYO-LB1695D Datasheet
91Kb / 9P
   LB1695D
More results

유사한 설명 - LB1695M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
Hitachi Semiconductor
HA13460FP HITACHI-HA13460FP Datasheet
76Kb / 4P
   BRUCHLESS DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
logo
Toshiba Semiconductor
TA8420AF TOSHIBA-TA8420AF Datasheet
442Kb / 11P
   1 CHIP DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com