전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1696 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LB1696
상세설명  3-phase Brushless Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1696 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LB1696 Datasheet HTML 1Page - Sanyo Semicon Device LB1696 Datasheet HTML 2Page - Sanyo Semicon Device LB1696 Datasheet HTML 3Page - Sanyo Semicon Device LB1696 Datasheet HTML 4Page - Sanyo Semicon Device LB1696 Datasheet HTML 5Page - Sanyo Semicon Device LB1696 Datasheet HTML 6Page - Sanyo Semicon Device LB1696 Datasheet HTML 7Page - Sanyo Semicon Device LB1696 Datasheet HTML 8Page - Sanyo Semicon Device LB1696 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Truth Table
Input
F/R control
Output
FG output
IN1
IN2
IN3
F/R
Source
→ Sink
FG1
FG2
1HLH
L
OUT2
→ OUT1
LL
H
OUT1
→ OUT2
2HL
L
L
OUT3
→ OUT1
LH
H
OUT1
→ OUT3
3H
HL
L
OUT3
→ OUT2
LL
H
OUT2
→ OUT3
4
LHL
L
OUT1
→ OUT2
HH
H
OUT2
→ OUT1
5L
H
H
L
OUT1
→ OUT3
HL
H
OUT3
→ OUT1
6LL
H
L
OUT2
→ OUT3
HH
H
OUT3
→ OUT2
F/R
Forward
L
0.0 to 0.8 V
Reverse
H
4.2 to 5.0 V
FG output
FG1
FG2
Pin Assignment
LB1696
No.5244-3/9


유사한 부품 번호 - LB1696

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
   3-Phase Motor Driver????
LB1692 SANYO-LB1692 Datasheet
106Kb / 5P
   Three-Phase Brushless Motor Driver????
LB1693 SANYO-LB1693 Datasheet
174Kb / 9P
   3-Phase Brushless Motor Driver????
LB1694N SANYO-LB1694N Datasheet
74Kb / 8P
   3-Phase Brushless Motor Driver????
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
More results

유사한 설명 - LB1696

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com