전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C22 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 BZX55C22
상세설명  AXIAL LEAD ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX55C22 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  BZX55C22 Datasheet HTML 1Page - Pan Jit International Inc. BZX55C22 Datasheet HTML 2Page - Pan Jit International Inc. BZX55C22 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-FEB.10.2009
1
BZX55C2V4~BZX55C100
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
m
e
d
o
c
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
4
V
2
C
5
5
X
Z
B
4
.
2
8
2
.
2
6
5
.
2
5
8
5
0
0
6
1
0
5
1
4
V
2
C
5
5
X
Z
B
7
V
2
C
5
5
X
Z
B
7
.
2
5
.
2
9
.
2
5
8
5
0
0
6
1
0
1
1
7
V
2
C
5
5
X
Z
B
0
V
3
C
5
5
X
Z
B
3
8
.
2
2
.
3
5
8
5
0
0
6
1
4
1
0
V
3
C
5
5
X
Z
B
3
V
3
C
5
5
X
Z
B
3
.
3
1
.
3
5
.
3
5
8
5
0
0
6
1
2
1
3
V
3
C
5
5
X
Z
B
6
V
3
C
5
5
X
Z
B
6
.
3
4
.
3
8
.
3
5
8
5
0
0
6
1
2
1
6
V
3
C
5
5
X
Z
B
9
V
3
C
5
5
X
Z
B
9
.
3
7
.
3
1
.
4
5
8
5
0
0
6
1
2
1
9
V
3
C
5
5
X
Z
B
3
V
4
C
5
5
X
Z
B
3
.
4
4
6
.
4
5
7
5
0
0
6
1
1
1
3
V
4
C
5
5
X
Z
B
7
V
4
C
5
5
X
Z
B
7
.
4
4
.
4
5
0
6
5
0
0
6
1
5
.
0
1
7
V
4
C
5
5
X
Z
B
1
V
5
C
5
5
X
Z
B
1
.
5
8
.
4
4
.
5
5
3
5
0
5
5
1
1
.
0
1
1
V
5
C
5
5
X
Z
B
6
V
5
C
5
5
X
Z
B
6
.
5
2
.
5
6
5
2
5
0
5
4
1
1
.
0
1
6
V
5
C
5
5
X
Z
B
2
V
6
C
5
5
X
Z
B
2
.
6
8
.
5
6
.
6
0
1
5
0
0
2
1
1
.
0
2
2
V
6
C
5
5
X
Z
B
8
V
6
C
5
5
X
Z
B
8
.
6
4
.
6
2
.
7
8
5
0
5
1
1
1
.
0
3
8
V
6
C
5
5
X
Z
B
5
V
7
C
5
5
X
Z
B
5
.
7
7
9
.
7
7
5
0
5
1
1
.
0
5
5
V
7
C
5
5
X
Z
B
2
V
8
C
5
5
X
Z
B
2
.
8
7
.
7
7
.
8
7
5
0
5
1
1
.
0
6
2
V
8
C
5
5
X
Z
B
1
V
9
C
5
5
X
Z
B
1
.
9
5
.
8
6
.
9
0
1
5
0
5
1
1
.
0
7
1
V
9
C
5
5
X
Z
B
0
1
C
5
5
X
Z
B
0
1
4
.
9
6
.
0
1
5
1
5
0
7
1
1
.
0
8
0
1
C
5
5
X
Z
B
1
1
C
5
5
X
Z
B
1
1
4
.
0
1
6
.
1
1
0
2
5
0
7
1
1
.
0
9
1
1
C
5
5
X
Z
B
2
1
C
5
5
X
Z
B
2
1
4
.
1
1
7
.
2
1
0
2
5
0
9
1
1
.
0
9
2
1
C
5
5
X
Z
B
3
1
C
5
5
X
Z
B
3
1
4
.
2
1
1
.
4
1
6
2
5
0
1
1
1
1
.
0
0
1
3
1
C
5
5
X
Z
B
5
1
C
5
5
X
Z
B
5
1
8
.
3
1
6
.
5
1
0
3
5
0
1
1
1
1
.
0
1
1
5
1
C
5
5
X
Z
B
6
1
C
5
5
X
Z
B
6
1
3
.
5
1
1
.
7
1
0
4
5
0
7
1
1
1
.
0
2
1
6
1
C
5
5
X
Z
B
8
1
C
5
5
X
Z
B
8
1
8
.
6
1
1
.
9
1
0
5
5
0
7
1
1
1
.
0
4
1
8
1
C
5
5
X
Z
B
0
2
C
5
5
X
Z
B
0
2
8
.
8
1
2
.
1
2
5
5
5
0
2
2
1
1
.
0
5
1
0
2
C
5
5
X
Z
B
2
2
C
5
5
X
Z
B
2
2
8
.
0
2
3
.
3
2
5
5
5
0
2
2
1
1
.
0
7
1
2
2
C
5
5
X
Z
B
4
2
C
5
5
X
Z
B
4
2
8
.
2
2
6
.
5
2
0
8
5
0
2
2
1
1
.
0
8
1
4
2
C
5
5
X
Z
B
7
2
C
5
5
X
Z
B
7
2
1
.
5
2
9
.
8
2
0
8
5
0
2
2
1
1
.
0
0
2
7
2
C
5
5
X
Z
B
0
3
C
5
5
X
Z
B
0
3
8
2
2
3
0
8
5
0
2
2
1
1
.
0
2
2
0
3
C
5
5
X
Z
B
3
3
C
5
5
X
Z
B
3
3
1
3
5
3
0
8
5
0
2
2
1
1
.
0
4
2
3
3
C
5
5
X
Z
B
6
3
C
5
5
X
Z
B
6
3
4
3
8
3
0
8
5
0
2
2
1
1
.
0
7
2
6
3
C
5
5
X
Z
B
9
3
C
5
5
X
Z
B
9
3
7
3
1
4
0
9
5
.
2
0
0
5
1
1
.
0
0
3
9
3
C
5
5
X
Z
B
3
4
C
5
5
X
Z
B
3
4
0
4
6
4
0
9
5
.
2
0
0
6
1
1
.
0
3
3
3
4
C
5
5
X
Z
B
7
4
C
5
5
X
Z
B
7
4
4
4
0
5
0
1
1
5
.
2
0
0
7
1
1
.
0
6
3
7
4
C
5
5
X
Z
B
1
5
C
5
5
X
Z
B
1
5
8
4
4
5
5
2
1
5
.
2
0
0
7
5
.
0
1
.
0
9
3
1
5
C
5
5
X
Z
B
6
5
C
5
5
X
Z
B
6
5
2
5
0
6
5
3
1
5
.
2
0
0
0
1
5
.
0
1
.
0
3
4
6
5
C
5
5
X
Z
B
2
6
C
5
5
X
Z
B
2
6
8
5
6
6
0
5
1
5
.
2
0
0
0
1
5
.
0
1
.
0
7
4
2
6
C
5
5
X
Z
B
8
6
C
5
5
X
Z
B
8
6
4
6
2
7
0
0
2
5
.
2
0
0
0
1
5
.
0
1
.
0
1
5
8
6
C
5
5
X
Z
B
5
7
C
5
5
X
Z
B
5
7
0
7
9
7
0
5
2
5
.
2
0
0
5
1
5
.
0
1
.
0
6
5
5
7
C
5
5
X
Z
B
2
8
C
5
5
X
Z
B
2
8
7
7
7
8
0
0
3
5
.
2
0
0
0
2
5
.
0
1
.
0
2
6
2
8
C
5
5
X
Z
B
1
9
C
5
5
X
Z
B
1
9
5
8
6
9
0
5
4
1
0
0
0
5
1
.
0
1
.
0
8
6
1
9
C
5
5
X
Z
B
0
0
1
C
5
5
X
Z
B
0
0
1
4
9
6
0
1
0
5
4
1
0
0
0
5
1
.
0
1
.
0
5
7
0
0
1
C
5
5
X
Z
B
STANDARD VOLTAGE TOLERANCE IS + 5% AND:
SUFFIX “A” FOR + 1%
SUFFIX “B” FOR + 2%
SUFFIX “C” FOR + 5%
SUFFIX “D” FOR + 20%
* MEASURED WITH PULSES Tp=40 mSec.
ZENERDIODENUMBERINGSYSTEM:
BZX55
C3V6
1*
2*
1* TYPE NO.
2* VZ OF ZENER DIODE, V CODE IS INSTEAD OF DECIMAL POINT.
3* e.g., 3V6=3.6V
* MEASURED WITH PULSES Tp=40 mSec.


유사한 부품 번호 - BZX55C22

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55C22 VISHAY-BZX55C22 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SUNMATE electronic Co.,...
BZX55C22 SUNMATE-BZX55C22 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C22 VISHAY-BZX55C22 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Yangzhou yangjie electr...
BZX55C22 YANGJIE-BZX55C22 Datasheet
196Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZX55C22 VISHAY-BZX55C22 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

유사한 설명 - BZX55C22

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com