전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1896 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LB1896
상세설명  3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1896 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LB1896 Datasheet HTML 1Page - Sanyo Semicon Device LB1896 Datasheet HTML 2Page - Sanyo Semicon Device LB1896 Datasheet HTML 3Page - Sanyo Semicon Device LB1896 Datasheet HTML 4Page - Sanyo Semicon Device LB1896 Datasheet HTML 5Page - Sanyo Semicon Device LB1896 Datasheet HTML 6Page - Sanyo Semicon Device LB1896 Datasheet HTML 7Page - Sanyo Semicon Device LB1896 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Continued from preceding page.
Pin No.
Pin Name
Pin Voltage
Equivalent Circuit Diagram
Pin Function
29
28
VH+
VH–
2.4 V
1.4 V
v Hall device power supply pins.
A voltage difference of 1.0 V is developed
between VH+ and VH–.
27
H.FG
0 to VCC2
v Hall FG pin.
v The Hall waveform is converted into a
pulse signal and then used as the FG
pulse signal.
26
CL
0 to VCC2
v When the Rf pin voltage becomes equal to
the CL pin voltage, the current limiter
operate. The CL voltage is determined
externally.
25
VCC1
5 to 18 V
v Power supply for output block.
v This supply should be kept stable to
prevent ripple and noise from entering this
pin.
LB1896
No.5225-6/8


유사한 부품 번호 - LB1896

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1890M SANYO-LB1890M Datasheet
159Kb / 8P
   FDD Spindle Motor Driver
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1895D SANYO-LB1895D Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results

유사한 설명 - LB1896

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com