전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1945H 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LB1945H
상세설명  PWM Current Control Type Stepping Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1945H 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LB1945H Datasheet HTML 1Page - Sanyo Semicon Device LB1945H Datasheet HTML 2Page - Sanyo Semicon Device LB1945H Datasheet HTML 3Page - Sanyo Semicon Device LB1945H Datasheet HTML 4Page - Sanyo Semicon Device LB1945H Datasheet HTML 5Page - Sanyo Semicon Device LB1945H Datasheet HTML 6Page - Sanyo Semicon Device LB1945H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LB1945H
No. 6193-1/7
LB1945H
Package Dimensions
unit: mm
3233-HSOP28H
Preliminary
Features
• PWM current control (external excitation)
• Load current digital selection (1–2, W1–2, and 2 phase
excitation drives possible)
• Built-in upper/lower diode
• Simultaneous ON prevention function (feedthrough
current prevention)
• Built-in thermal shutdown circuit
• Built-in noise canceler
82799RM(KI)
Ordering number : ENN*6193
Monolithic Digital IC
PWM Current Control Type Stepping Motor Driver
[LB1945H]
SANYO : HSOP28H
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum motor supply voltage
VBB max
30
V
Output peak current
I OPEAK
tw
≤ 20 µs
1.0
A
Output continuous current
I O max
0.8
A
Logic supply voltage
VCC max
6.0
V
Logic input voltage range
VIN max
–0.3 to VCC
V
Emitter output voltage
VE max
1.0
V
Allowable power dissipation
Pd max
Ta = 25˚C, with specified substrate*
1.9
W
Operating temperature
Topr
–20 to +90
°C
Storage temperature
Tstg
–55 to +150
°C
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
10 to 28
V
Logic supply voltage
VCC
4.75 to 5.25
V
Reference voltage
VREF
1.5 to 5.0
V
6.2
28
15
114
0.8
15.3
2.7
0.3
0.25
0.85
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
* Specified substrate: 114.3
× 76.1 × 1.6 mm3, glass epoxy


유사한 부품 번호 - LB1945H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1945H SANYO-LB1945H Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
More results

유사한 설명 - LB1945H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com