전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1976 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LB1976
상세설명  DC Fan Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1976 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1976 Datasheet HTML 4Page - Sanyo Semicon Device LB1976 Datasheet HTML 5Page - Sanyo Semicon Device LB1976 Datasheet HTML 6Page - Sanyo Semicon Device LB1976 Datasheet HTML 7Page - Sanyo Semicon Device LB1976 Datasheet HTML 8Page - Sanyo Semicon Device LB1976 Datasheet HTML 9Page - Sanyo Semicon Device LB1976 Datasheet HTML 10Page - Sanyo Semicon Device LB1976 Datasheet HTML 11Page - Sanyo Semicon Device LB1976 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
No. 6088-8/12
LB1976
Continued from preceding page.
Pin No.
Pin name
Pin voltage
Pin function
Equivalent circuit
VCC
23.5 k
200
100
µA
24
A11974
VCTL amplifier internal reference
voltage pin (2.35 V)
24
VCREF
0.0 V to
VCC – 2.0 V
A11975
28
VCC
200
31 k
VCTL amplifier output pin
28
VCOUT
0.7 V to
VCC – 0.7 V


유사한 부품 번호 - LB1976

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1976 ONSEMI-LB1976 Datasheet
135Kb / 10P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1976

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
logo
Hitachi Semiconductor
HA13460FP HITACHI-HA13460FP Datasheet
76Kb / 4P
   BRUCHLESS DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
logo
Toshiba Semiconductor
TA8420AF TOSHIBA-TA8420AF Datasheet
442Kb / 11P
   1 CHIP DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com