전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1996 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LB1996
상세설명  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1996 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LB1996 Datasheet HTML 1Page - Sanyo Semicon Device LB1996 Datasheet HTML 2Page - Sanyo Semicon Device LB1996 Datasheet HTML 3Page - Sanyo Semicon Device LB1996 Datasheet HTML 4Page - Sanyo Semicon Device LB1996 Datasheet HTML 5Page - Sanyo Semicon Device LB1996 Datasheet HTML 6Page - Sanyo Semicon Device LB1996 Datasheet HTML 7Page - Sanyo Semicon Device LB1996 Datasheet HTML 8Page - Sanyo Semicon Device LB1996 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LB1996
No. 5977-4/9
Truth Table
Pin Assignment
Input:
H: Input 1 is higher in potential than input 2 by at least 0.2V.
L: Input 1 is lower in potential than input 2 by at least 0.2V.
VC
1
VOUT
24 PWR GND
2
UOUT
23 WOUT
3
VCC2
22 VC
4
VCC3
21 VCREF
5
RF
20 FC
6
VCC1
FRAME GND
19 FGSEL
FRAME GND
7
UIN2
18 SIG GND
8
UIN1
17 S/S
9
VIN2
16 BRAKE
10
VIN1
15 FG
11
WIN2
14 RS
12
WIN1
13 VH
LB1996
A11170
Top view
Hall input
Control
UV
W
Phase W –> Phase V
H
Phase V –> Phase W
L
Phase W –> Phase U
H
Phase U –> Phase W
L
Phase V –> Phase W
H
Phase W –> Phase V
L
Phase U –> Phase V
H
Phase V –> Phase U
L
Phase V –> Phase U
H
Phase U –> Phase V
L
Phase U –> Phase W
H
Phase W –> Phase U
L
Source –> Sink
1
2
3
4
5
6
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L


유사한 부품 번호 - LB1996

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1991 SANYO-LB1991 Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

유사한 설명 - LB1996

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com