전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1100S 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 TS1100S
상세설명  MICRO SURFACE MOUNT SCHOTTKY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TS1100S 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  TS1100S Datasheet HTML 1Page - Pan Jit International Inc. TS1100S Datasheet HTML 2Page - Pan Jit International Inc. TS1100S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.00-DEC.10.2009
TS1100S
ELECTRICAL CHARACTERISTICS (If not specified TA=25oC)
PA RA ME TE R
S YMB OL
C OND ITIONS
MIN
TYP
MA X .
UNIT
Re ve rs e C urre nt
I R
V R=1 0 0 V
-
0.3
10
μA
Reverse breakdown voltage
V(BR)R
I R=150
μA100
115
-
V
F o rward Vo ltag e
V F
I F=5 0 0 MA
6 50
70 0
mV
F o rward Vo ltag e
V F
I F =1 A
7 30
75 0
mV
Typi cal Junc ti on
ca pa c i ta nc e (No te 1)
C J
V R=4 V,f= 1 MH Z
-8 5
-
p F
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
LEAD TEMPERAURE, C
O
FORWARD VOLTAGE, VOLTS
1.0
.50
0
P
)
A
WVE
AD
0.2"(
PHASE
ORINDUCTIVE
.C.B
ON 0.2
X
5.0 5.
COPPERP
SINGLE
HALF
60Hz
RESISTIVE
LOAD
MOUNTED
X
0mm
AREAS
.25
.75
0
75
100
125
150
175
25
50
0
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
T= 25 C
A
O


유사한 부품 번호 - TS1100S

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
TS1100S ZSELEC-TS1100S Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Pan Jit International I...
TS1100S PANJIT-TS1100S_14 Datasheet
210Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results

유사한 설명 - TS1100S

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
TS240S-AU PANJIT-TS240S-AU Datasheet
128Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S_14 Datasheet
198Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS2100S PANJIT-TS2100S_14 Datasheet
146Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S Datasheet
220Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS360ILS PANJIT-TS360ILS Datasheet
92Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS140S PANJIT-TS140S Datasheet
134Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S_14 Datasheet
203Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
SDI260 PANJIT-SDI260 Datasheet
92Kb / 4P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S Datasheet
110Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS340IS PANJIT-TS340IS_14 Datasheet
115Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com