전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC36256AL-70 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC36256AL-70
상세설명  256 K (32768 words x 8 bits) SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC36256AL-70 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LC36256AL-70 Datasheet HTML 1Page - Sanyo Semicon Device LC36256AL-70 Datasheet HTML 2Page - Sanyo Semicon Device LC36256AL-70 Datasheet HTML 3Page - Sanyo Semicon Device LC36256AL-70 Datasheet HTML 4Page - Sanyo Semicon Device LC36256AL-70 Datasheet HTML 5Page - Sanyo Semicon Device LC36256AL-70 Datasheet HTML 6Page - Sanyo Semicon Device LC36256AL-70 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LC36256AL, AML-70/85/10/12
No. 4163-6/7
• Write Cycle (2): CE Control Note (6)
Notes
(1) tCOD, tOOD, and tWOD are defined as the time at which the outputs becomes the high impedance state and
are not referred to output voltage levels.
(2) An external antiphase signal must not be applied when DOUT is in the output state.
(3) tWP is the time interval that CE and WE are low-level and is defined as the interval from the falling of WE
to the rising of CE or WE whichever is earlier.
(4) tCW is the time interval that CE and WE are low-level and is defined as the time from the falling of CE to
the rising of CE or WE whichever is earlier.
(5) DOUT goes to the high-impedance state when either OE is high-level, CE is high-level, or WE is low-level.
(6) When OE is high-level during the write cycle, DOUT goes to the high-impedance state.
Data Retention Characteristics at Ta = 0 to +70°C
Parameter
Symbol
Conditions
min
typ*
max
Unit
Data retention supply voltage
VDR
VCE
≥ VCC–0.2V
2.0
5.5
V
VCC = 3.0V,
0 to +70°C
10
ICCDR1
VCE
≥ 2.8V
0 to +40°C
2
µA
Data retention supply current
25°C
0.25
1
ICCDR2
VCC = 2.0 to 5.5V,
VCE
≥ VCC–0.2V
0.5
25
µA
CE setup time
tCDR
0
ns
CE hold time
tR
tRC**
ns
* Reference values at VCC = 5V, Ta = 25°C
** tRC = Read Cycle time
Data Retention Waveform


유사한 부품 번호 - LC36256AL-70

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-10W SANYO-LC36256ALL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-12W SANYO-LC36256ALL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-70W SANYO-LC36256ALL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-85W SANYO-LC36256ALL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results

유사한 설명 - LC36256AL-70

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com