전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1213D 데이터시트(PDF) 25 Page - NXP Semiconductors

부품명 ADC1213D
상세설명  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D 데이터시트(HTML) 25 Page - NXP Semiconductors

Back Button ADC1213D_11 Datasheet HTML 21Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 22Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 23Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 24Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 25Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 26Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 27Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 28Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 17.
Register allocation map
Address
(hex)
Register name
Access[1]
Bit definition
Default
(bin)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADC control register
0003
Channel index
R/W
-
-
-
-
-
-
ADCB
ADCA
1111 1111
0005
Reset and
Power-down
modes
R/W
SW_
RST
-
-
-
-
-
PD[1:0]
0000 0000
0006
Clock
R/W
-
-
-
SE_SEL
DIFF_SE
-
CLKDIV2_
SEL
DCS_EN
0000 0001
0008
Vref
R/W
-
-
-
-
INTREF_
EN
INTREF[2:0]
0000 0000
0013
Offset
R/W
-
-
DIG_OFFSET[5:0]
0000 0000
0014
Test pattern 1
R/W
-
-
-
-
-
TESTPAT_1[2:0]
0000 0000
0015
Test pattern 2
R/W
TESTPAT_2[11:4]
0000 0000
0016
Test pattern 3
R/W
TESTPAT_3[3:0]
-
-
-
-
0000 0000
JESD204A control
0801
Ser_Status
R
RXSYNC
_ERROR
RESERVED[2:0]
0
0
POR_TST
RESERVED
0010 0000
0802
Ser_Reset
R/W
SW_
RST
00
0
FSM_SW_
RST
0
0
0
0000 0000
0803
Ser_Cfg_Setup
R/W
0
0
0
0
CFG_SETUP[3:0]
0000 1000
0805
Ser_Control1
R/W
0
TRISTATE_
CFG_PINS
SYNC_
POL
SYNC_
SINGLE_
ENDED
1
REV_
SCR
REV_
ENCODER
REV_
SERIAL
0100 1001
0806
Ser_Control2
R/W
0
0
0
0
0
0
SWAP_
LANE_0_1
SWAP_
ADC_A_B
0000 0011
0808
Ser_Analog_Ctrl
R/W
0
0
0
0
0
SWING_SEL[2:0]
0000 0011
0809
Ser_ScramblerA
R/W
0
LSB_INIT[6:0]
0000 0000
080A
Ser_ScramblerB
R/W
MSB_INIT[7:0]
1111 1111
080B
Ser_PRBS_Ctrl
R/W
0
0
0
0
0
0
PRBS_TYPE[1:0]
0000 0000
0820
Cfg_0_DID
R*
DID[7:0]
1110 1101
0821
Cfg_1_BID
R/W*
0
0
0
0
BID[3:0]
0000 1010
0822
Cfg_3_SCR_L
R/W*
SCR
0
0
0
0
0
0
L
0000 0000
0823
Cfg_4_F
R/W*
0
0
0
0
0
F[2:0]
0000 0001


유사한 부품 번호 - ADC1213D_11

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results

유사한 설명 - ADC1213D_11

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com