전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1733MT 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TEA1733MT
상세설명  GreenChip SMPS control IC Adjustable overpower time-out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1733MT 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TEA1733MT Datasheet HTML 7Page - NXP Semiconductors TEA1733MT Datasheet HTML 8Page - NXP Semiconductors TEA1733MT Datasheet HTML 9Page - NXP Semiconductors TEA1733MT Datasheet HTML 10Page - NXP Semiconductors TEA1733MT Datasheet HTML 11Page - NXP Semiconductors TEA1733MT Datasheet HTML 12Page - NXP Semiconductors TEA1733MT Datasheet HTML 13Page - NXP Semiconductors TEA1733MT Datasheet HTML 14Page - NXP Semiconductors TEA1733MT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TEA1733MT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 1 — 4 February 2011
11 of 20
NXP Semiconductors
TEA1733MT
GreenChip SMPS control IC
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
μH coil and a 10 Ω resistor.
9.
Thermal characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+30
V
t < 100 ms
-
35
V
VVINSENSE
voltage on pin VINSENSE
current limited
−0.4
+5.5
V
VPROTECT
voltage on pin PROTECT
current limited
−0.4
+5
V
VCTRL
voltage on pin CTRL
−0.4
+5
V
VIO(OPTIMER)
input/output voltage on pin
OPTIMER
−0.4
+5
V
VISENSE
voltage on pin ISENSE
current limited
−0.4
+5
V
Currents
ICC
supply current
δ <10%
-
0.4
A
II(VINSENSE)
input current on pin
VINSENSE
−1+1
mA
II(PROTECT)
input current on pin
PROTECT
−1+1
mA
ICTRL
current on pin CTRL
−30
mA
IISENSE
current on pin ISENSE
−10
+1
mA
IDRIVER
current on pin DRIVER
δ <10%
−0.4
+1
A
General
Ptot
total power dissipation
Tamb <75
°C-
0.5
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−40
+150
°C
ESD
VESD
electrostatic discharge
voltage
class 1
human body
model
[1] -4000
V
machine model
[2] -300
V
charged device
model
-750
V
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient in free air; JEDEC test
board
150
K/W
Rth(j-c)
thermal resistance from junction to case
in free air; JEDEC test
board
79
K/W


유사한 부품 번호 - TEA1733MT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1733AT NXP-TEA1733AT Datasheet
498Kb / 18P
   GreenChip SMPS control IC
Rev. 2-19 November 2010
TEA1733BT NXP-TEA1733BT Datasheet
210Kb / 19P
   GreenChip SMPS control IC
Rev. 4-11 July 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1733LT NXP-TEA1733LT Datasheet
110Kb / 17P
   GreenChip SMPS control IC
Rev. 01-26 October 2009
More results

유사한 설명 - TEA1733MT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1738T NXP-TEA1738T Datasheet
186Kb / 21P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-31 December 2010
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com