전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2575-12BWM 데이터시트(PDF) 10 Page - Micrel Semiconductor

부품명 LM2575-12BWM
상세설명  52kHz Simple 1A Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-12BWM 데이터시트(HTML) 10 Page - Micrel Semiconductor

Back Button LM2575-12BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 9Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 10Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 11Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
10
M9999-051209-B
Package Information
0.020
(0.508)
0.018±0.003
(0.457±0.076)
PIN 1
0.780
(19.812)
.250±0.005
(6.350±0.127)
0.025±0.015
(0.635±0.381)
0.100±0.010
(2.540±0.254)
MAX
0.030-0.110
(0.762-2.794)
RAD
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130±0.005
(3.302±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0.009-0.015
(0.229-0.381)
0-10
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
16-Pin Plastic DIP (N)
24-Pin Wide SOIC (WM)


유사한 부품 번호 - LM2575-12BWM

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2575-12BWM MICREL-LM2575-12BWM Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-12BWM MICREL-LM2575-12BWM Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

유사한 설명 - LM2575-12BWM

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com