전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F71869 데이터시트(PDF) 90 Page - Feature Integration Technology Inc.

부품명 F71869
상세설명  Super I/O Hardware Monitor
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINTEK [Feature Integration Technology Inc.]
홈페이지  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869 데이터시트(HTML) 90 Page - Feature Integration Technology Inc.

Back Button F71869 Datasheet HTML 86Page - Feature Integration Technology Inc. F71869 Datasheet HTML 87Page - Feature Integration Technology Inc. F71869 Datasheet HTML 88Page - Feature Integration Technology Inc. F71869 Datasheet HTML 89Page - Feature Integration Technology Inc. F71869 Datasheet HTML 90Page - Feature Integration Technology Inc. F71869 Datasheet HTML 91Page - Feature Integration Technology Inc. F71869 Datasheet HTML 92Page - Feature Integration Technology Inc. F71869 Datasheet HTML 93Page - Feature Integration Technology Inc. F71869 Datasheet HTML 94Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
89
F71869
2
GPIO12_DRV_EN R/W
0
0: GPIO12 is open drain in output mode.
1: GPIO12 is push pull in output mode.
1
GPIO11_DRV_EN R/W
0
0: GPIO11 is open drain in output mode.
1: GPIO11 is push pull in output mode.
0
GPIO10_DRV_EN R/W
0
0: GPIO10 is open drain in output mode.
1: GPIO10 is push pull in output mode.
6.8.13 GPIO1 PME Enable Register
⎯ Index E4h
Bit
Name
R/W Default
Description
7
GPIO17_PME_EN R/W
0
When GPIO17_EVENT_STS is 1 and GPIO17_PME_EN is set to 1, a
GPIO PME event will be generated.
6
GPIO16_PME_EN R/W
0
When GPIO16_EVENT_STS is 1 and GPIO16_PME_EN is set to 1, a
GPIO PME event will be generated.
5
GPIO15_PME_EN R/W
0
When GPIO15_EVENT_STS is 1 and GPIO15_PME_EN is set to 1, a
GPIO PME event will be generated.
4
GPIO14_PME_EN R/W
0
When GPIO14_EVENT_STS is 1 and GPIO14_PME_EN is set to 1, a
GPIO PME event will be generated.
3
GPIO13_PME_EN R/W
0
When GPIO13_EVENT_STS is 1 and GPIO13_PME_EN is set to 1, a
GPIO PME event will be generated.
2
GPIO12_PME_EN R/W
0
When GPIO12_EVENT_STS is 1 and GPIO12_PME_EN is set to 1, a
GPIO PME event will be generated.
1
GPIO11_PME_EN R/W
0
When GPIO11_EVENT_STS is 1 and GPIO11_PME_EN is set to 1, a
GPIO PME event will be generated.
0
GPIO10_PME_EN R/W
0
When GPIO10_EVENT_STS is 1 and GPIO10_PME_EN is set to 1, a
GPIO PME event will be generated.
6.8.14 GPIO1 Input Detection Select Register
⎯ Index E5h
Bit
Name
R/W Default
Description
7
GPIO17_DET_SEL R/W
0
When GPIO17 is in input mode, set this bit to select which input event
should be detected.
0: rising edge
1: falling edge
6
GPIO16_DET_SEL R/W
0
When GPIO16 is in input mode, set this bit to select which input event
should be detected.
0: rising edge
1: falling edge
5
GPIO15_DET_SEL R/W
0
When GPIO15 is in input mode, set this bit to select which input event
should be detected.
0: rising edge
1: falling edge
4
GPIO14_DET_SEL R/W
0
When GPIO14 is in input mode, set this bit to select which input event
should be detected.
0: rising edge
1: falling edge


유사한 부품 번호 - F71869

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71869AD FINTEK-F71869AD Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869ED FINTEK-F71869ED Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
More results

유사한 설명 - F71869

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71808E FINTEK-F71808E Datasheet
694Kb / 92P
   Super Hardware Monitor LPC I/O with Power Saving Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com