전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F71869 데이터시트(PDF) 99 Page - Feature Integration Technology Inc.

부품명 F71869
상세설명  Super I/O Hardware Monitor
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINTEK [Feature Integration Technology Inc.]
홈페이지  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869 데이터시트(HTML) 99 Page - Feature Integration Technology Inc.

Back Button F71869 Datasheet HTML 95Page - Feature Integration Technology Inc. F71869 Datasheet HTML 96Page - Feature Integration Technology Inc. F71869 Datasheet HTML 97Page - Feature Integration Technology Inc. F71869 Datasheet HTML 98Page - Feature Integration Technology Inc. F71869 Datasheet HTML 99Page - Feature Integration Technology Inc. F71869 Datasheet HTML 100Page - Feature Integration Technology Inc. F71869 Datasheet HTML 101Page - Feature Integration Technology Inc. F71869 Datasheet HTML 102Page - Feature Integration Technology Inc. F71869 Datasheet HTML 103Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
98
F71869
7-6
Reserved
-
-
Reserved.
5
GPIO65_VAL
R/W
1
0: GPIO65 outputs 0 when in output mode.
1: GPIO65 outputs 1 when in output mode.
4
GPIO64_VAL
R/W
1
0: GPIO64 outputs 0 when in output mode.
1: GPIO64 outputs 1 when in output mode.
3
GPIO63_VAL
R/W
1
0: GPIO63 outputs 0 when in output mode.
1: GPIO63 outputs 1 when in output mode.
2
GPIO62_VAL
R/W
1
0: GPIO62 outputs 0 when in output mode.
1: GPIO62 outputs 1 when in output mode.
1
GPIO61_VAL
R/W
1
0: GPIO61 outputs 0 when in output mode.
1: GPIO61 outputs 1 when in output mode.
0
GPIO60_VAL
R/W
1
0: GPIO60 outputs 0 when in output mode.
1: GPIO60 outputs 1 when in output mode.
6.8.36 GPIO6 Pin Status Register
⎯ Index 92h
Bit
Name
R/W Default
Description
7-6
Reserved
-
-
Reserved.
5
GPIO65_IN
R
-
The pin status of BIT_SEL_OUT3/GPIO65.
4
GPIO64_IN
R
-
The pin status of BIT_SEL_OUT2/GPIO64.
3
GPIO63_IN
R
-
The pin status of BIT_SEL_OUT1/GPIO63.
2
GPIO62_IN
R
-
The pin status of BIT_SEL_IN3/GPIO62.
1
GPIO61_IN
R
-
The pin status of BIT_SEL_IN2/GPIO61.
0
GPIO60_IN
R
-
The pin status of BIT_SEL_IN1/GPIO60.
6.8.37 GPIO6 Drive Enable Register
⎯ Index 93h
Bit
Name
R/W Default
Description
7-6
Reserved
-
-
Reserved.
5
GPIO65_DRV_EN R/W
0
0: GPIO65 is open drain in output mode.
1: GPIO65 is push pull in output mode.
4
GPIO64_DRV_EN R/W
0
0: GPIO64 is open drain in output mode.
1: GPIO64 is push pull in output mode.
3
GPIO63_DRV_EN R/W
0
0: GPIO63 is open drain in output mode.
1: GPIO63 is push pull in output mode.
2
GPIO62_DRV_EN R/W
0
0: GPIO62 is open drain in output mode.
1: GPIO62 is push pull in output mode.
1
GPIO61_DRV_EN R/W
0
0: GPIO61 is open drain in output mode.
1: GPIO61 is push pull in output mode.
0
GPIO60_DRV_EN R/W
0
0: GPIO60 is open drain in output mode.
1: GPIO60 is push pull in output mode.


유사한 부품 번호 - F71869

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71869AD FINTEK-F71869AD Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869ED FINTEK-F71869ED Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
More results

유사한 설명 - F71869

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71808E FINTEK-F71808E Datasheet
694Kb / 92P
   Super Hardware Monitor LPC I/O with Power Saving Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com