전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC66P5316 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC66P5316
상세설명  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P5316 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC66P5316 Datasheet HTML 6Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 7Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 8Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 9Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 10Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 11Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 12Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 13Page - Sanyo Semicon Device LC66P5316 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
No. 5997-10/17
LC662508A, 662512A, 662516A
LC662516 Series Option Data Area and Definitions
ROM area
Bit
Option specified
Option/data relationship
7
P5
Output level at reset
0 = high level, 1 = low level
6
P4
5
Unused
This bit must be set to 0.
3FF0H
4
Oscillator option
0 = external clock, 1 = ceramic oscillator
3
P8
2
P1
Output level at reset
0 = low level, 1 = high level
1
P0
0
Watchdog timer option
0 = none, 1 = yes
7
P13
6
P12
Output type
0 = OD, 1 = PU
5
P11
3FF1H
4
P10
3
P03
2
P02
Output type
0 = OD, 1 = PU
1
P01
0
P00
7
Unused
This bit must be set to 0.
6
P32
5
P31
Output type
0 = OD, 1 = PU
3FF2H
4
P30
3
P23
2
P22
Output type
0 = OD, 1 = PU
1
P21
0
P20
7
P53
6
P52
Output type
0 = OD, 1 = PU
5
P51
3FF3H
4
P50
3
P43
2
P42
Output type
0 = OD, 1 = PU
1
P41
0
P40
7
P73
6
P72
Output type
0 = OD, 1 = PU
5
P71
3FF4H
4
P70
3
P63
2
P62
Output type
0 = OD, 1 = PU
1
P61
0
P60
7
P93
6
P92
Output type
0 = OD, 1 = PU
5
P91
3FF5H
4
P90
3
P83
2
P82
Output type
0 = OD, 1 = PU
1
P81
0
P80
7
PB3
6
PB2
Output type
0 = OD, 1 = PU
5
PB1
3FF6H
4
PB0
3
PA3
2
PA2
Output type
0 = OD, 1 = PU
1
PA1
0
PA0
Continued on next page.


유사한 부품 번호 - LC66P5316

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66P5316 SANYO-LC66P5316 Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66P5316 SANYO-LC66P5316 Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66P5316 SANYO-LC66P5316 Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66P5316 SANYO-LC66P5316 Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66P5316 SANYO-LC66P5316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

유사한 설명 - LC66P5316

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com