전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM840002 데이터시트(PDF) 6 Page - Micrel Semiconductor

부품명 SM840002
상세설명  ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840002 데이터시트(HTML) 6 Page - Micrel Semiconductor

  SM840002 Datasheet HTML 1Page - Micrel Semiconductor SM840002 Datasheet HTML 2Page - Micrel Semiconductor SM840002 Datasheet HTML 3Page - Micrel Semiconductor SM840002 Datasheet HTML 4Page - Micrel Semiconductor SM840002 Datasheet HTML 5Page - Micrel Semiconductor SM840002 Datasheet HTML 6Page - Micrel Semiconductor SM840002 Datasheet HTML 7Page - Micrel Semiconductor SM840002 Datasheet HTML 8Page - Micrel Semiconductor SM840002 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Micrel, Inc.
SM840002
November 2010
6
M9999-110810
hbwhelp@micrel.com
Crystal Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
12pF Load
Fundamental, Parallel Resonant
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
3
7
pF
Correlation Drive Level
100
300
uW
Phase Noise Plot: 62.5MHz @ 3.3V
Phase Noise Plot: 125MHz @ 3.3V
Phase Noise Plot: 156.25MHz @ 3.3V
or (408) 955-1690


유사한 부품 번호 - SM840002

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results

유사한 설명 - SM840002

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
   Dual 10 Gigabit Ethernet XMC
19-Oct-2017
logo
Router-switch Ltd.
JL676A ROUTER-SWITCH-JL676A Datasheet
103Kb / 4P
   10 Gigabit Ethernet
logo
AAEON Technology
NANO-001N AAEON-NANO-001N Datasheet
311Kb / 2P
   Dual Gigabit Ethernet
NITX-SKL1 AAEON-NITX-SKL1 Datasheet
431Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com