전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM840004-11KA 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SM840004-11KA
상세설명  62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840004-11KA 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SM840004-11KA Datasheet HTML 1Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 2Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 3Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 4Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 5Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 6Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 7Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 8Page - Micrel Semiconductor SM840004-11KA Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SM840004-11
July 2010
5
M9999-070110-A
hbwhelp@micrel.com or (408) 955-1690
Crystal Characteristics
Parameter
Min
Typ
Max
Units
Mode of Oscillation
Fundamental Parallel Resonant
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor
7
pF
Drive Level
1
mW
Functional Description
The SM840004-11 provides a high performance and
high accuracy solution for a precision clock source at
either 62.5MHz or 125MHz derived from a low cost
25MHz Xtal. Four synchronous low skew 12mA capable
LVCMOS outputs are provided with tri state controlled
via an external pin (OE).
The design of the SM840004-11 consumes very low
power in the PLL due to a patented technology in the
VCO and the associated dividers. The VCO range is
~3.2GHz to 3.5GHz providing high resolution and easy
integer divide ratios. Output divider ratios are fixed at
either ÷26 or ÷52 via the F_SEL pin, and the feedback
divider is fixed at ÷130.
Duty Cycle is inherently
improved and provides tight control and stability on this
critical
specification.
This
provides
improved
specifications for Duty Cycle, Jitter, Phase Noise, Power
Consumption, and noise sensitivity. Additionally, the
SM840004-11 will operate at either 3.3V or 2.5V
supplies.


유사한 부품 번호 - SM840004-11KA

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
More results

유사한 설명 - SM840004-11KA

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com