전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72131M 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC72131M
상세설명  AM/FM PLL Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131M 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC72131M Datasheet HTML 1Page - Sanyo Semicon Device LC72131M Datasheet HTML 2Page - Sanyo Semicon Device LC72131M Datasheet HTML 3Page - Sanyo Semicon Device LC72131M Datasheet HTML 4Page - Sanyo Semicon Device LC72131M Datasheet HTML 5Page - Sanyo Semicon Device LC72131M Datasheet HTML 6Page - Sanyo Semicon Device LC72131M Datasheet HTML 7Page - Sanyo Semicon Device LC72131M Datasheet HTML 8Page - Sanyo Semicon Device LC72131M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Characteristics for the Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
No. 4921-5/23
LC72131, 72131M
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Rf1
XIN
1.0
M
Built-in feedback resistance
Rf2
FMIN
500
k
Rf3
AMIN
500
k
Rf4
IFIN
250
k
Built-in pull-down resistor
Rpd1
FMIN
200
k
Rpd2
AMIN
200
k
Hysteresis
VHIS
CE, CL, DI, IO1, IO2
0.1 VDD
V
Output high level voltage
VOH1
PD
IO = –1 mA
VDD – 1.0
V
VOL1
PD
IO = 1 mA
1.0
V
VOL2
BO1
IO = 0.5 mA
0.5
V
IO = 1 mA
1.0
V
VOL3
DO
IO = 1 mA
0.2
V
Output low level voltage
IO = 5 mA
1.0
V
IO = 1 mA
0.2
V
VOL4
BO2 to BO4, IO1, IO2
IO = 5 mA
1.0
V
IO = 8 mA
1.6
V
VOL5
AOUT
IO = 1 mA, AIN = 1.3 V
0.5
V
IIH1
CE, CL, DI
VI = 6.5 V
5.0
V
IIH2
IO1, IO2
VI = 13 V
5.0
µA
Input high level current
IIH3
XIN
VI = VDD
2.0
11
µA
IIH4
FMIN, AMIN
VI = VDD
4.0
22
µA
IIH5
IFIN
VI = VDD
8.0
44
µA
IIH6
AIN
VI = 6.5 V
200
nA
IIL1
CE, CL, DI
VI = 0 V
5.0
µA
IIL2
IO1, IO2
VI = 0 V
5.0
µA
Input low level current
IIL3
XIN
VI = 0 V
2.0
11
µA
IIL4
FMIN, AMIN
VI = 0 V
4.0
22
µA
IIL5
IFIN
VI = 0 V
8.0
44
µA
IIL6
AIN
VI = 0 V
200
nA
IOFF1
BO1 to BO4, AOUT,
VO = 13 V
5.0
µA
Output off leakage current
IO1, IO2
IOFF2
DO
VO = 6.5 V
5.0
µA
High level three-state
IOFFH
PD
VO = VDD
0.01
200
nA
off leakage current
Low level three-state
IOFFL
PD
VO = 0 V
0.01
200
nA
off leakage current
Input capacitance
CIN
FMIN
6
pF
Xtal = 7.2 MHz,
IDD1
VDD
fIN2 = 130 MHz,
5
10
mA
VIN2 = 40 mVrms
PLL block stopped
Current drain
IDD2
VDD
(PLL INHIBIT),
0.5
mA
Xtal oscillator operating
(Xtal = 7.2 MHz)
IDD3
VDD
PLL block stopped
10
µA
Xtal oscillator stopped


유사한 부품 번호 - LC72131M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
LC72131K SANYO-LC72131K Datasheet
223Kb / 22P
   PLL Frequency Synthesizer
logo
ON Semiconductor
LC72131K ONSEMI-LC72131K Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
logo
Sanyo Semicon Device
LC72131KM SANYO-LC72131KM Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
LC72131KMA SANYO-LC72131KMA Datasheet
223Kb / 22P
   PLL Frequency Synthesizer
More results

유사한 설명 - LC72131M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
   AM/FM PLL Frequency Synthesizer?
logo
STMicroelectronics
TDA7326 STMICROELECTRONICS-TDA7326 Datasheet
184Kb / 16P
   AM-FM RADIO FREQUENCY SYNTHESIZER
July 1994
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
NTE Electronics
NTE1534 NTE-NTE1534 Datasheet
20Kb / 2P
   Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio
logo
STMicroelectronics
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
   AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com