전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9286 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9286
상세설명  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9286 데이터시트(HTML) 1 Page - Analog Devices

  AD9286 Datasheet HTML 1Page - Analog Devices AD9286 Datasheet HTML 2Page - Analog Devices AD9286 Datasheet HTML 3Page - Analog Devices AD9286 Datasheet HTML 4Page - Analog Devices AD9286 Datasheet HTML 5Page - Analog Devices AD9286 Datasheet HTML 6Page - Analog Devices AD9286 Datasheet HTML 7Page - Analog Devices AD9286 Datasheet HTML 8Page - Analog Devices AD9286 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-Bit, 500 MSPS, 1.8 V
Analog-to-Digital Converter (ADC)
AD9286
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Single 1.8 V supply operation
SNR: 49.3 dBFS at 200 MHz input at 500 MSPS
SFDR: 65 dBc at 200 MHz input at 500 MSPS
Low power: 315 mW at 500 MSPS
On-chip interleaved clocking
On-chip reference and track-and-hold
1.2 V p-p analog input range for each channel
Differential input with 500 MHz bandwidth
LVDS-compliant digital output
On-chip voltage reference and sample-and-hold circuit
DNL: ±0.2 LSB
Serial port control options
Interleaved clock timing adjustment
Offset binary, Gray code, or twos complement data format
Optional clock duty cycle stabilizer
Built-in selectable digital test pattern generation
Pin-programmable power-down function
Available in 48-lead LFCSP
APPLICATIONS
Battery-powered instruments
Handheld scope meters
Low cost digital oscilloscopes
OTS: video over fiber
GENERAL DESCRIPTION
The AD9286 is an 8-bit, monolithic sampling, analog-to-digital
converter (ADC) that supports interleaved operation and is
optimized for low cost, low power, and ease of use. Each ADC
operates at up to a 500 MSPS conversion rate with outstanding
dynamic performance.
The AD9286 takes a single sample clock and, with an on-chip
clock divider, time interleaves the two ADC cores (each running
at one-half the clock frequency) to achieve the rated 500 MSPS.
By using the SPI, the user can accurately adjust the timing of the
sampling edge per ADC to minimize the image spur energy.
The ADC requires a single 1.8 V supply and an encode clock for
full performance operation. No external reference components
are required for many applications. The digital outputs are LVDS
compatible.
The AD9286 is available in a Pb-free, 48-lead LFCSP that is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Integrated 8-Bit, 500 MSPS ADC.
2.
Single 1.8 V Supply Operation with LVDS Outputs.
3.
Power-Down Option Controlled via a Pin-Programmable
Setting.
FUNCTIONAL BLOCK DIAGRAM
AD9286
CLK–
VIN1+
VIN1–
VREF
VCM
ADC
ADC
CLOCK
MANAGEMENT
CLK+
AUXCLK+
AUXCLK–
VIN2–
VIN2+
×1.5
1.0V
VREF
REF
SELECT
DCO
GENERATION
DCO+
DCO–
RBIAS AUXCLKEN AGND
AVDD
DRVDD
DRGND
SPI
SDIO/
PWDN
OE
SCLK
CSB
D7+ (MSB), D7– (MSB)
D0+ (LSB), D0– (LSB)
Figure 1.


유사한 부품 번호 - AD9286

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9286-500EBZ AD-AD9286-500EBZ Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9286BCPZ-500 AD-AD9286BCPZ-500 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9286BCPZRL7-500 AD-AD9286BCPZRL7-500 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results

유사한 설명 - AD9286

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9484 AD-AD9484 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com