전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC66356C 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LC66356C
상세설명  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66356C 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LC66356C Datasheet HTML 7Page - Sanyo Semicon Device LC66356C Datasheet HTML 8Page - Sanyo Semicon Device LC66356C Datasheet HTML 9Page - Sanyo Semicon Device LC66356C Datasheet HTML 10Page - Sanyo Semicon Device LC66356C Datasheet HTML 11Page - Sanyo Semicon Device LC66356C Datasheet HTML 12Page - Sanyo Semicon Device LC66356C Datasheet HTML 13Page - Sanyo Semicon Device LC66356C Datasheet HTML 14Page - Sanyo Semicon Device LC66356C Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Continued from preceding page.
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: 1. Applies to pins with open-drain output specifications. For pins with other than open-drain output specifications, the ratings in the pin column for that
pin apply.
2. For the oscillator input and output pins, levels up to the free-running oscillation level are allowed.
3. Sink current (Applies to PD when the inverter array specifications are selected.)
4. Source current (Applies to all pins except PD for which the pull-up output specifications, the CMOS output specifications, or the inverter array
specifications have been selected. Applies to PD pins for which the inverter array specifications have been selected.)
5. We recommend the use of reflow soldering techniques to solder mount QFP packages.
Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly immersed in a dip-soldering
bath (dip-soldering techniques).
No. 5483-11/25
LC662304A, 662306A, 662308A, 662312A, 662316A
ROM area
Bit
Option specified
Option/data relationship
7
6
5
3FFEH
4
Reserved. Must be set to predefined data values.
This data is generated by the assembler.
3
If the assembler is not used, set this data to ‘00’.
2
1
0
7
6
5
3FFFH
4
Reserved. Must be set to predefined data values.
This data is generated by the assembler.
3
If the assembler is not used, set this data to ‘00’.
2
1
0
Parameter
Symbol
Conditions
Ratings
Unit
Note
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1
P2, P3 (except for the P33/HOLD pin),
–0.3 to +12.0
V
1
Input voltage
P61, and P63
VIN2
All other inputs
–0.3 to VDD + 0.3
V
2
VOUT1
P2, P3 (except for the P33/HOLD pin),
–0.3 to +12.0
V
1
Output voltage
P61, and P63
VOUT2
All other inputs
–0.3 to VDD + 0.3
V
2
ION1
P0, P1, P2, P3 (except for the P33/HOLD pin),
20
mA
3
P4, P5, P6, PC
Output current per pin
ION2
P41, P43, PC3, PD1, PD3
20
mA
3
–IOP1
P0, P1, P4, P5
2
mA
4
–IOP2
P2, P3 (except for the P33/HOLD pin), P6, and PC
4
mA
4
–IOP3
P41, P43, PC3, PD1, PD3
10
mA
4
Σ I
ON1
P0, P1, P2, P3 (except for the P33/HOLD pin), PD
75
mA
3
Total pin current
Σ I
ON2
P4, P5, P6, PC
75
mA
3
Σ I
OP1
P0, P1, P2, P3 (except for the P33/HOLD pin), PD
25
mA
4
Σ I
OP2
P4, P5, P6, PC
25
mA
4
Allowable power dissipation
Pd max
Ta = –30 to +70°C: DIP42S (QFP48E)
600 (430)
mW
5
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C


유사한 부품 번호 - LC66356C

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66356C SANYO-LC66356C Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

유사한 설명 - LC66356C

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com