전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXRS646BBGZ-RL 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADXRS646BBGZ-RL
상세설명  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ-RL 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADXRS646BBGZ-RL Datasheet HTML 3Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 9Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 10Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 7 of 12
Figure 10. ST1 Output Change at 25°C (VRATIO = 5 V)
Figure 11. ST1 Output Change vs. Temperature, 16 Parts in Sockets
Figure 12. Self-Test Mismatch at 25°C (VRATIO = 5 V)
Figure 13. ST2 Output Change at 25°C (VRATIO = 5 V)
Figure 14. ST2 Output Change vs. Temperature, 16 Parts in Sockets
Figure 15. ADXRS646 Frequency Response with a 2.2 kHz Output Filter
25
0
5
10
15
20
ST1Δ (mV)
–0.30
–0.35
–0.40
–0.45
–0.50
–0.55
–0.60
–0.65
–0.70
–0.75
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
70
60
50
40
30
20
10
0
MISMATCH (%)
–4
–3
–2
–1
0
1
2
3
4
25
0
5
10
15
20
ST2Δ (mV)
0.75
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
9
–18
–15
–12
–9
–6
–3
0
3
6
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (kHz)
0.1
1
10
COUT = 470pF
MAGNITUDE
PHASE


유사한 부품 번호 - ADXRS646BBGZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
More results

유사한 설명 - ADXRS646BBGZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com