전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC66P2108 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LC66P2108
상세설명  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P2108 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LC66P2108 Datasheet HTML 4Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 5Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 6Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 7Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 8Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 9Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 10Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 11Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
3. Watchdog timer option
A runaway detection function (watchdog timer) can be selected as an option.
4. Port output type options
• The output type of each bit (pin) in ports P0, P1, P2, P3 (except for the P33/HOLD pin), P4, P5, P6, and PC can be
selected individually from the following two options.
• One of the following two options can be selected for P8, in bit units.
No. 5485-8/26
LC665304A, 665306A, 665308A, 665312A, 665316A
Option
Circuit
Conditions and notes
1. Open-drain output
2. Output with built-in pull-up
resistor
The port P2, P3, P5, and P6 inputs have Schmitt
characteristics.
The port P2, P3, P5, and P6 inputs have Schmitt
characteristics.
The CMOS outputs (ports P2, P3, P6, and PC)
and the pull-up MOS outputs (P0, P1, P4, and
P5) are distinguished by the drive capacity of the
p-channel transistor.
Option
Circuit
Conditions and notes
1. Open-drain output
2. Output with built-in pull-
down resistor
(CMOS output)
DSB
Output data
Input data
DSB
Output data
Input data
DSB
Output data
DSB
Output data


유사한 부품 번호 - LC66P2108

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66P2108 SANYO-LC66P2108 Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66P2108 SANYO-LC66P2108 Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66P2108 SANYO-LC66P2108 Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66P2108 SANYO-LC66P2108 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2108 SANYO-LC66P2108 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

유사한 설명 - LC66P2108

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com