전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72338 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LC72338
상세설명  Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72338 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72338 Datasheet HTML 3Page - Sanyo Semicon Device LC72338 Datasheet HTML 4Page - Sanyo Semicon Device LC72338 Datasheet HTML 5Page - Sanyo Semicon Device LC72338 Datasheet HTML 6Page - Sanyo Semicon Device LC72338 Datasheet HTML 7Page - Sanyo Semicon Device LC72338 Datasheet HTML 8Page - Sanyo Semicon Device LC72338 Datasheet HTML 9Page - Sanyo Semicon Device LC72338 Datasheet HTML 10Page - Sanyo Semicon Device LC72338 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Continued from preceding page.
No. 5157-7/16
LC72336, 72338
Pin No.
Symbol
I/O
I/O type
Function
6
5
4
3
1
80
77
78
76
31, 73
75
74
PG0
PG1/SCK0
PG2/SO0
PG3/SI0
XIN
XOUT
EO1
EO2
VSS
VDD
AMIN
FMIN
I/O
I
O
O
I
I
CMOS push-pull
CMOS tristate
CMOS amplifier
input
CMOS amplifier
input
Shared-function general-purpose output and serial I/O port
Inputs are a Schmitt input.
The IOS instruction is used to switch between the general-purpose I/O port function and
the serial I/O function, as well as between input and output for the general-purpose I/O
port function.
• When used as a general-purpose I/O port:
Input or output can be specified in bit units (bit I/O).
These ports are set up to be general-purpose I/O ports with the IOS instruction
with Pn = 0.
b0 = SI/O0
0 ... General-purpose ports
1 ... SI/O ports
The IOS instruction is used to specify input or output in bit units.
PG ... Pn = 6
0 ... Input
1 ... Output
• When used as a serial I/O port:
These ports are set up to be serial I/O ports with the IOS instruction with Pn = 0.
The contents of the serial I/O data buffers can be saved and loaded with the INR and
OUTR instructions.
Note: Pin setup states when used as serial I/O ports:
PG0 ... General-purpose I/O
PG1 ... SCK0 output in internal clock mode
SCK0 input in external clock mode
PG2 ... SO0 output
PG3 ... SI0 input
These ports go to the input disabled high-impedance state in clock stop mode.
These ports function as general-purpose input ports after a power-on reset.
4.5 MHz crystal oscillator connections
Charge pump outputs
These pins go to the high-impedance state when the HOLD pin is set low in the hold
enable state.
These pins go to the high-impedance state in clock stop mode, after a power-on reset,
and in the PLL stopped state.
Power supply connections
AM VCO (local oscillator) input
This pin is selected and the band set using the PLL instruction CW1 (b1 and b0) field.
The input signal must be capacitor coupled.
Input is disabled if the HOLD pin is set low in the HOLD enabled state.
Input is disabled in clock stop mode, after a power-on reset, and in the PLL stopped state.
FM VCO (local oscillator) input
This pin is selected using the PLL instruction CW1 field (b1 = 0, b0 = don’t care).
The input signal must be capacitor coupled.
Input is disabled if the HOLD pin is set low in the HOLD enabled state.
Input is disabled in clock stop mode, after a power-on reset, and in the PLL stopped state.
Continued on next page.
b1
b0
Band
1
0
2 to 40 MHz (SW)
1
1
0.5 to 10 MHz (MW, LW)


유사한 부품 번호 - LC72338

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC723341E SANYO-LC723341E Datasheet
292Kb / 11P
   LC723341E
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
More results

유사한 설명 - LC72338

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com