전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC662508A 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC662508A
상세설명  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662508A 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC662508A Datasheet HTML 1Page - Sanyo Semicon Device LC662508A Datasheet HTML 2Page - Sanyo Semicon Device LC662508A Datasheet HTML 3Page - Sanyo Semicon Device LC662508A Datasheet HTML 4Page - Sanyo Semicon Device LC662508A Datasheet HTML 5Page - Sanyo Semicon Device LC662508A Datasheet HTML 6Page - Sanyo Semicon Device LC662508A Datasheet HTML 7Page - Sanyo Semicon Device LC662508A Datasheet HTML 8Page - Sanyo Semicon Device LC662508A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Usage Notes
The LC66P5316 was created for program development, product evaluation, and prototype development for products
based on the LC6653XX Series microcontrollers. Keep the following points in mind when using this product.
1. After a reset
The RES pin must be held low for an additional 3 instruction cycles after the oscillator stabilization period has
elapsed. Also, the port output circuit types are set up during the 9 instruction cycles immediately after RES is set
high. Only then is the program counter set to 0 and program execution started from that location. (The port output
circuits all revert to the open-drain type during periods when RES is low.)
2. Notes on LC6653XX evaluation
The high end of the EPROM area (locations 3FF0H to 3FFFH) are the option specification area. Option specification
data must be programmed for and loaded into this area. The Sanyo specified cross assembler for this product is the
program LC66S.EXE. Also, insert JMP instructions so that user programs do not attempt to execute addresses that
exceed the capacity of the mask ROM, and write zeros (00H) to areas (other than 3FF0H to 3FFFH) that exceed the
actual capacity of the mask ROM.
3. Mounting notes
Due to structural considerations, Sanyo is unable to fully test one-time programmable products. Therefore, the user
must apply the screening procedure described on page 20 to these products.
4. Use the following procedure when ordering ROM through the Sanyo PROM writing service. (Note that this is a for-
fee service.)
• If ordering one-time programmable and mask ROM versions at the same time:
The customer must provide the EPROM for the mask ROM version, the order forms for the mask ROM version,
and the order forms for the one-time programmable version.
• If ordering only the one-time programmable version:
The customer must provide the EPROM and the order forms for the one-time programmable version. The last
section of the EPROM (locations 3FF0H to 3FFFH) is the option specification area, and the option specification
data must be written to this area. The Sanyo specified cross assembler for this product is the program LC66S.EXE.
Also, insert JMP instructions so that user programs do not attempt to execute addresses that exceed the capacity of
the mask ROM, and write zeros (00H) to areas (other than 3FF0H to 3FFFH) that exceed the actual capacity of the
mask ROM.
5. Differences between this product and the mask ROM version:
Carefully read the sections on the following pages that describe these differences.
No. 5489-4/28
LC66P5316
At least 10 ms
VDDmin
Location
0
Location
1
VDD
OSC
RES
Program execution (PC)
Port output type
At least 3
instruction
Oscillator
stabilization
Open drain
Option switching
period
9 instruction
cycles
Option specification


유사한 부품 번호 - LC662508A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC662508A SANYO-LC662508A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

유사한 설명 - LC662508A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com