전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC723740 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC723740
상세설명  ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723740 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC723740 Datasheet HTML 2Page - Sanyo Semicon Device LC723740 Datasheet HTML 3Page - Sanyo Semicon Device LC723740 Datasheet HTML 4Page - Sanyo Semicon Device LC723740 Datasheet HTML 5Page - Sanyo Semicon Device LC723740 Datasheet HTML 6Page - Sanyo Semicon Device LC723740 Datasheet HTML 7Page - Sanyo Semicon Device LC723740 Datasheet HTML 8Page - Sanyo Semicon Device LC723740 Datasheet HTML 9Page - Sanyo Semicon Device LC723740 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
No. 5931-6/14
LC723732/40/48/56/64
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
IIH1
XIN: VI = VDD = 5.0 V
2.0
5.0
15
µA
IIH2
FMIN, AMIN, HCTR, LCTR: VI = VDD = 5.0 V
4.0
10
30
µA
PA, PB, PC, PD, PE, PF, PG, PH, PI, PK, PL,
PM, PN, PO, PP, PQ, PR, PS, PT-PORT,
SNS, HOLD, RESET, HCTR, LCTR, E03,
Input high-level current
IIH3
SUBPD: VI = VDD = 5.0 V
3.0
µA
(With the port PA pull-down resistors disabled,
and PB, PC, PD, PE, PF, PG, PK, PL, PM,
PN, PP, PO, PQ, PR, PS, and PT ports set to
input mode.)
IIH4
Port PA (pull-down resistors enabled):
50
µA
VI = VDD = 5.0 V
IIL1
XIN: VI = VSS
2.0
5.0
15
µA
IIL2
FMIN, AMIN, HCTR, LCTR: VI = VSS
4.0
10
30
µA
PA, PB, PC, PD, PE, PF, PG, PH, PI, PK, PL,
PM, PN, PO, PP, PQ, PR, PS, PT-PORT,
Input low-level current
SNS, HOLD, RESET, HCTR, LCTR, E03,
IIL3
SUBPD: VI = VSS
3.0
µA
(With the port PA pull-down resistors disabled,
and PB, PC, PD, PE, PF, PG, PK, PL, PM,
PN, PP, PO, PQ, PR, PS, and PT ports set to
input mode.)
Input floating voltage
VIF
Port PA (pull-down resistors enabled)
0.05 VDD
V
Hysteresis
VH
PD, PE, PF, PG, PK-PORT, RESET,
0.1 VDD
0.2 VDD
V
LCTR(in period measurement mode)
VOH1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
VDD – 1.0
V
Output high-level voltage
PP, PQ, PR, PS, PT-PORT: IO = –1 mA
VOH2
EO1, EO2, EO3, SUBPD: IO = –500 µA
VDD – 1.0
V
VOH3
XOUT: IO = –200 µA
VDD – 1.0
V
VOL1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
1.0
V
PP, PQ, PR, PS, PT-PORT: IO = 1 mA
Output low-level voltage
VOL2
E01, E02, E03, SUBPD: IO = 500 µA
1.0
V
VOL3
XOUT: IO = 200 µA
1.5
V
VOL4
PC, PJ-PORT: IO = 5 mA
2.0
V
IOFF1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
–3.0
3.0
µA
Output off leakage current
PP, PQ, PR, PS, PT-PORT
IOFF2
E01, E02, E03, SUBPD
–100
100
nA
IOFF3
PC, PJ-PORT
–5.0
5.0
µA
A/D conversion error
ADI0 to ADI7 VDD1
–1.5
1.5
LSB
Rejected pulse width
PREJ
SNS
50
µsec
Power down detection voltage
VDET
2.6
3.0
3.4
V
RPD1
Port PA (pull-down resistors enabled):
75
100
200
k
Pull-down resistance
VDD = 5 V
RPD2
TEST1, TEST2
10
k
IDD1
During normal operation (PLL operating)
20
30
mA
VDD1, fIN2 = 130 MHz Ta = 25°C
Halt mode (CPU operation stopped, crystal
IDD2
oscillator operating) (See figure 1.)
0.45
mA
Current drain
VDD2, Ta = 25°C*
IDD3
Backup mode (crystal oscillator stopped)
5
µA
(See figure 2.) VDD = 5.5 V, Ta = 25°C
IDD4
Backup mode (crystal oscillator stopped)
1
µA
(See figure 2.) VDD = 2.5 V, Ta = 25°C
Electrical Characteristics in the allowable operating ranges
Note *: Twenty instruction steps are executed every millisecond. The PLL, universal counter, and other functions are stopped.


유사한 부품 번호 - LC723740

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723782N SANYO-LC723782N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723783N SANYO-LC723783N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723784 SANYO-LC723784 Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723785 SANYO-LC723785 Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
More results

유사한 설명 - LC723740

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com