전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72710 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC72710
상세설명  Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72710 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC72710 Datasheet HTML 1Page - Sanyo Semicon Device LC72710 Datasheet HTML 2Page - Sanyo Semicon Device LC72710 Datasheet HTML 3Page - Sanyo Semicon Device LC72710 Datasheet HTML 4Page - Sanyo Semicon Device LC72710 Datasheet HTML 5Page - Sanyo Semicon Device LC72710 Datasheet HTML 6Page - Sanyo Semicon Device LC72710 Datasheet HTML 7Page - Sanyo Semicon Device LC72710 Datasheet HTML 8Page - Sanyo Semicon Device LC72710 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
No. 6166-4/33
LC72710W, 72710LW
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
2.7
3.6
V
High-level input voltage
VIH1
A0/CL, A1/CE, A2/DI, RST, STNBY
0.7 VDD
5.5
V
VIH2
DACK, WR, RD, CS, SP, BUSWD, A3, IOCNT1, IOCNT2
0.7 VDD
VDD
V
Low-level input voltage
VIL1
Pins for which VIH1 applies
VSS
0.3 VDD
V
VIL2
Pins for which VIH2 applies
VSS
0.3 VDD
V
Oscillator frequency
FOSC
This IC operates with a frequency precision of ±250 ppm
7.2
MHz
XIN input sensitivity
VXI
With a sine wave input to XIN, capacitor coupling.
400
900
mVrms
VDD = +2.7 to +3.6 V
VMPX1
With a 100% modulated composite signal input to
120
350
mVrms
Input amplitude
MPXIN. VDD = +3.3 V
VMPX2
With a 100% modulated composite signal input to
120
180
mVrms
MPXIN. VDD = +2.7 V
Clock low-level period
tCL
A0/CL
0.7
µs
Clock high-level period
tCH
A0/CL
0.7
µs
Data setup time
tSU
A0/CL, A2/DI
0.7
µs
Data hold time
tHD
A0/CL, A2/DI
0.7
µs
CE wait time
tEL
A0/CL, A1/CE
0.7
µs
CE setup time
tES
A0/CL, A1/CE
0.7
µs
CE hold time
tEH
A0/CL, A1/CE
0.7
µs
Data latch change time
tLC
A1/CE
0.7
µs
Data output time
tDDO
DO, A0/CL
277
555
ns
CRC4 change time
tCRC
CRC4, A0/CL
0.7
µs
[LC72710LW]
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V


유사한 부품 번호 - LC72710

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711W SANYO-LC72711W Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

유사한 설명 - LC72710

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com