전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72714W 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC72714W
상세설명  Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72714W 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC72714W Datasheet HTML 1Page - Sanyo Semicon Device LC72714W Datasheet HTML 2Page - Sanyo Semicon Device LC72714W Datasheet HTML 3Page - Sanyo Semicon Device LC72714W Datasheet HTML 4Page - Sanyo Semicon Device LC72714W Datasheet HTML 5Page - Sanyo Semicon Device LC72714W Datasheet HTML 6Page - Sanyo Semicon Device LC72714W Datasheet HTML 7Page - Sanyo Semicon Device LC72714W Datasheet HTML 8Page - Sanyo Semicon Device LC72714W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Ordering number : ENN6871A
92001TN (OT) No. 6871-1/29
Overview
The LC72714W is data demodulator ICs for receiving FM
multiplex broadcasts for mobile reception in the DARC
format. This IC includes an on-chip bandpass filter for
extracting the DARC signal from the FM baseband signal.
It also integrates a decoder circuit that performs the VICS
data processing on the same chip and can implement a
compact, multifunction VICS reception system. The
LC72714W is an improved version of the LC72710W that
features circuit improvements that allow a single tuner to
receive both the VICS data and the dGPS data supported
by the earlier device. Note that a contract with VICS
Center is required to evaluate this sample IC and to
produce end products that support VICS.
Functions
• Adjustment-free 76 kHz SCF bandpass filter
• Built-in VICS decoder
• MSK delay detection system based on a 1T delay.
• Error correction function based on a 2T delay (in the
MSK detection stage)
• Digital PLL based clock regeneration function
• Shift-register 1T and 2T delay circuits
• Block and frame synchronization detection circuits
• Functions for setting the number of allowable BIC errors
and the number of synchronization protection
operations.
• Error correction using (272, 190) codes
• Built-in layer 4 CRC code checking circuit
• On-chip frame memory and memory control circuit for
vertical correction
• 7.2 MHz crystal oscillator circuit
• Two power saving modes: STNBY and EC STOP
• Dedicated
frame
synchronization
circuit
for
simultaneous reception of dGPS and VICS data
• Applications can use either a parallel CPU interface
(DMA) or a CCB serial interface.
• Supply voltage: 2.7 to 3.6 V
Package Dimensions
unit: mm
3190-SQFP64
1.25
0.5
1.25
0.18
12.0
116
17
32
33
48
49
64
10.0
0.5
0.5
0.15
SANYO: SQFP64
[LC72714W]
LC72714W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Mobile FM Multiplex Broadcast IC
with On-Chip VICS Decoder
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


유사한 부품 번호 - LC72714W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72710 SANYO-LC72710 Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710LW SANYO-LC72710LW Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

유사한 설명 - LC72714W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com