전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72720M 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC72720M
상세설명  Single-Chip RDS Signal-Processing System LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720M 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC72720M Datasheet HTML 1Page - Sanyo Semicon Device LC72720M Datasheet HTML 2Page - Sanyo Semicon Device LC72720M Datasheet HTML 3Page - Sanyo Semicon Device LC72720M Datasheet HTML 4Page - Sanyo Semicon Device LC72720M Datasheet HTML 5Page - Sanyo Semicon Device LC72720M Datasheet HTML 6Page - Sanyo Semicon Device LC72720M Datasheet HTML 7Page - Sanyo Semicon Device LC72720M Datasheet HTML 8Page - Sanyo Semicon Device LC72720M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
No. 5602-5/14
LC72720, 72720M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reference voltage output
Vref
VREF : Vdda = 5 V
2.5
V
Hysteresis
VHIS
CL, DI, CE, SYR, T1, T2
0.1 Vddd
V
Output low-level voltage
VOL1
DO, T3, T4, T5, T6, T7 : I = 2 mA
0.4
V
VOL2
SYNC, RDS-ID : I = 8 mA
0.4
V
Input high-level current
IIH1
CL, DI, CE, SYR, T1, T2 : VI = 6.5 V
5.0
µA
IIH2
XIN : VI = Vddd
2.0
11
µA
Input low-level current
IIL1
CL, DI, CE, SYR, T1, T2 : VI = 0 V
5.0
µA
IIL2
XIN : VI = 0 V
2.0
11
µA
Output off leakage current
IOFF
DO, SYNC, RDS-ID, T3, T4, T5, T6, T7 :
5.0
µA
VO = 6.5 V
Current drain
Idd
Vddd + Vdda
12
mA
Continued from preceding page.
CCB Output Data Format
• Each block of output data consists of 32 bits (4 bytes), of which 2 bytes are RDS data and 2 bytes are flag data.
• Any number of 32-bit output data blocks can be output consecutively.
• When there is no data that can be read out in the internal memory, the system outputs blocks of all-zero data
consecutively.
• If data readout is interrupted, the next read operation starts with the 32-bit data block whose readout was interrupted.
However, if only the last bit remains to be read, it will not be possible to reread that whole block.
• The check bits (10 bits) are not output.
1. Offset word detection flag (1 bit): OWD
2. Offset word information flag (3 bits): B0 to B2
OWD
Offset word detection
1
Detected
0
Not detected (protection function operating)
B
B
B
Offset word
2
1
0
0
0
0
A
0
0
1
B
0
1
0
C
0
1
1
C’
1
0
0
D
1
0
1
E
1
1
0
Unused
1
1
1
Unused
CCB address 6C
Output data/first bit
Last bit
(8) RDS data
(7) Error information flags
(6) Synchronization established flag
(5) ARI (SK) detection flag
(4) RAM data remaining flag
(3) Consecutive RAM read out possible flag
(2) Offset word information flag
(1) Offset word detection flag
Fixed pattern (1010)


유사한 부품 번호 - LC72720M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720NM SANYO-LC72720NM Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

유사한 설명 - LC72720M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com