전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC737212M 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC737212M
상세설명  Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC737212M 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC737212M Datasheet HTML 1Page - Sanyo Semicon Device LC737212M Datasheet HTML 2Page - Sanyo Semicon Device LC737212M Datasheet HTML 3Page - Sanyo Semicon Device LC737212M Datasheet HTML 4Page - Sanyo Semicon Device LC737212M Datasheet HTML 5Page - Sanyo Semicon Device LC737212M Datasheet HTML 6Page - Sanyo Semicon Device LC737212M Datasheet HTML 7Page - Sanyo Semicon Device LC737212M Datasheet HTML 8Page - Sanyo Semicon Device LC737212M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Electrical Characteristics at Ta = 25°C, fosc = 3.579545 MHz
AC Characteristics at Ta = 25°C, fosc = 3.579545 MHz
No. 5203-3/27
LC737212, 737212M
Parameter
Symbol
Conditions
min
typ
max
Unit
Operating current drain
IDDP
Pulse output mode, outputs open, VDD = 3.0 V
0.3
0.5
mA
IDDT
DTMF output mode,outputs open, VDD = 3.0 V
0.5
1
mA
Static current drain
IDD(ST)
Standby mode, outputs open, VDD = 1.5 to 5.5 V
1
µA
Memory retention voltage
VDR
Between VDD and VSS
1
V
Memory retention current
IDR
VDD = 1 V
0.5
µA
The SOUT-ENA, OFF-HOOK, DPR, P/T, BMR,
IIH1
ON-HOOK-DIAL IN, HOLD-OFF IN, DISCON IN,
1
µA
Input pin current
SI/KEY, OFF/ON-HOOK, and STORE pins, VIH = VDD
The SOUT-ENA, OFF-HOOK, DPR, P/T, BMR,
IIL1
ON-HOOK-DIAL IN, HOLD-OFF IN, DISCON IN,
–1
µA
SI/KEY, OFF/ON-HOOK, and STORE pins, VIL = VSS
IILK1
All key pins, VDD = 1.5 V, VILK = VSS
–20
µA
IILK2
All key pins, VDD = 5.5 V, VILK = VSS
–300
µA
Key pin current
IOLK1
All key pins, VDD = 1.5 V, VOLK = 0.4 V
200
µA
IOLK2
All key pins, VDD = 5.5 V, VOLK = 0.4 V
0.7
mA
Output pin leakage current
IOFF
VO = VDD, VDD = 5.5 V, with the output off, the DP,
1
µA
MUTE1, MUTE2, and S-OUT pins.
VOH1
The K-TONE, HOLD-OUT, HOOK-CTL,
VDD – 0.5
V
and SP-CTL pins, VDD = 1.5 V, IOH = –250 µA
VOH2
The K-TONE, HOLD-OUT, HOOK-CTL,
VDD – 1
V
Output pin voltage
and SP-CTL pins, VDD = 5.5 V, IOH = –1 mA
VOL1
The K-TONE, DP, MUTE1, MUTE2, SP-CTL,
0.4
V
HOLD-OUT, and HOOK-CTL pins, VDD = 1.5 V, IOL = 250 µA
VOL2
The K-TONE, DP, MUTE1, MUTE2, SP-CTL,
0.4
V
HOLD-OUT, and HOOK-CTL pins, VDD = 5.5 V, IOL = 1 mA
Parameter
Symbol
Conditions
min
typ
max
Unit
Key debounce time
TKD
30
ms
Pin chatter exclusion time
TPCHT
OFF-HOOK, P/T, ON-HOOK-DIAL, IN HOLD OFF IN
45
ms
Key scan frequency
fKSC
258.9
HZ
Key tone frequency
fKT
1035.7
HZ
Key tone output time
TKT
30.9
ms
In Pulse mode at 10 pps
3.88
3.9
3.93
s
Auto-pause time
TAP
In Pulse mode at 20 pps
3.88
3.9
3.93
s
DTMF mode
3.88
3.9
3.93
s
DTMF output time
TMFON
98
100
102
ms
DTMF interdigit pause time
TMFOFF
93
95
97
ms
Hooking time
THK
700
710
720
ms
Hooking pause time
THKP
0.98
1.0
1.02
s
Memory store confirmation
fKST
2071.4
Hz
tone frequency
Memory store confirmation
TKSTON
278.1
ms
tone output time
Low tone amplitude
VOR
VDD = 3.5 V, RL = 10 kΩ
165
200
240
mVrms
Tone output ratio
dBCR
VDD = 2.0 to 5.5 V, RL = 10 kΩ
1
2
3
dB
Tone output distortion
DIS
VDD = 2.0 to 5.5 V, RL = 10 kΩ
10
%
Oscillator start time
TSTART
VDD = 1.5 to 5.5 V
30
ms
VDD = 3.0V
1
ms


유사한 부품 번호 - LC737212M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
More results

유사한 설명 - LC737212M

제조업체부품명데이터시트상세설명
logo
ams AG
AS2533 AMSCO-AS2533_1 Datasheet
508Kb / 25P
   Multi-Standard CMOS Telephone IC for Basic Telephones
AS2533 AMSCO-AS2533_11 Datasheet
1Mb / 26P
   Multi-Standard CMOS Telephone IC for Basic Telephones
logo
National Semiconductor ...
MM53143 NSC-MM53143 Datasheet
310Kb / 5P
   PUSH BUTTON PULSE DIALER CIRCUITS
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
logo
Samsung semiconductor
KS5805 SAMSUNG-KS5805 Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Rohm
BU8307CS ROHM-BU8307CS Datasheet
292Kb / 17P
   Pulse / tone dialer for telephone set
logo
Micrel Semiconductor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
   Push-Button Reset IC
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com