전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF202-22 데이터시트(PDF) 4 Page - Semtech Corporation

부품명 STF202-22
상세설명  USB Upstream Port Filter and TVS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF202-22 데이터시트(HTML) 4 Page - Semtech Corporation

  STF202-22_04 Datasheet HTML 1Page - Semtech Corporation STF202-22_04 Datasheet HTML 2Page - Semtech Corporation STF202-22_04 Datasheet HTML 3Page - Semtech Corporation STF202-22_04 Datasheet HTML 4Page - Semtech Corporation STF202-22_04 Datasheet HTML 5Page - Semtech Corporation STF202-22_04 Datasheet HTML 6Page - Semtech Corporation STF202-22_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
STF202-22 and STF202-30
Figure 1 - STF202 Circuit Diagram
Device Connection
The STF202 is designed to provide termination, EMI
filtering and ESD protection for two USB I/O lines. The
equivalent circuit diagram is shown in Figure 1. The
device is connected as follows:
1.
1.
1.
1.
1. Full-Speed Devices: For full-speed devices the pull-
up resistor is connected to the D+ line. Pin 1 is
connected to the voltage supply line (V
BUS). The
input of the D+ line is routed into pin 3 and out of
pin 4. The input of the D- line is connected at pin 2
and the output at pin 5. Pin 6 is connected to
ground.
2.
2.
2.
2.
2. Low-Speed Devices: For low speed devices the
pull-up resistor is connected to the D- line. Pins 1
is connected to the voltage supply line (V
BUS). The
input of the D- line is connected at pin 3 with the
output taken at pin 4. The input of the D+ line is
connected to pin 2 and the output is at pin 5. Pin
6 is connected to ground.
USB Port Design Considerations
The Universal Serial Bus (USB) specification requires
termination and filtering components for proper opera-
tion. In addition, an open USB socket is vulnerable to
hazardous ESD discharges in excess of 15kV. These
discharges can may occur on the data lines or the
voltage bus. The STF202 is an easily implemented
solution designed to meet the termination and EMI
filter requirements of the USB specification revision
1.1. It also provides ESD protection to IEC 61000-4-2,
level 4.
A simplified USB port is shown in Figure 3. USB line
termination is achieved with series resistors on both
the D+ and D- lines. These resistors preserve signal
integrity by matching the cable impedance to that of
the differential driver. 15k
Ω pull-down resistors are
used to identify a downstream port while an upstream
port is identified with a 1.5K
Ω pull up resistor on either
the D+ (full speed devices) or the D- (low speed de-
vices) data line. Capacitors are used to bypass high
frequency energy to ground and for edge rate control
of the USB signals. TVS diodes are added for ESD
protection of both (D+ and D-) data lines and the
voltage bus (V
BUS). A power distribution switch and
voltage regulator provide the power management
functions of the port.
Figure 2 - STF202 Connection Diagram
(Full Speed Devices)
Semtech provides a complete solution to simplify USB
port design (Figure 4). The STF201 and STF202
integrate all of the components necessary for line
termination, bidirectional EMI filtering, and ESD protec-
tion on downstream (STF201) or upstream (STF202)
ports. The SC5826 is a dual port power switch that
provides individual or ganged port switching, fault
reporting, and inrush current limiting as required by the
USB specification. The SC5205 ULDO provides a
stable voltage to the USB controller.
Board Placement and Layout Guidelines.
Designing a USB hub to meet EMI and ESD immunity
requirements requires a combination of optimum
component placement, trace routing, and good circuit
design practices. Some general guidelines are given
below:
Avoid running D+ and D- signal line traces near high
speed clock lines or similar signal lines.
Avoid running critical signal lines near board edges.
Locate the USB controller chip near the USB
connectors.
Place the STF202 near the USB connector to
restrict transient coupling.
Minimize the path length between the USB connec-
tor and the STF202
1
2
34
5
6
.
Applications Information


유사한 부품 번호 - STF202-22_04

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STF202-22T1 ONSEMI-STF202-22T1 Datasheet
57Kb / 8P
   USB Filter with ESD Protection
July, 2002 ??Rev. 6
STF202-22T1G ONSEMI-STF202-22T1G Datasheet
124Kb / 6P
   USB Filter with ESD Protection
September, 2012 ??Rev. 9
logo
Semtech Corporation
STF202-22TC SEMTECH-STF202-22TC Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
More results

유사한 설명 - STF202-22_04

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
   USB Upstream Port Filter and TVS
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com