전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR1212FP 데이터시트(PDF) 1 Page - Lineage Power Corporation

부품명 CAR1212FP
상세설명  1200 Watt 12V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212FP 데이터시트(HTML) 1 Page - Lineage Power Corporation

  CAR1212FP Datasheet HTML 1Page - Lineage Power Corporation CAR1212FP Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR1212FP Series
1200 Watt +12V Front End Power Supply
rev 100506
Measures 11.20 x 4.00 x 1.65” / 284.5 x 101.6 x 41.9mm
12V Power for Powering Non-Isolated POL Converters
Hot Swap / N+1 Redundant
Active Single Wire Current Sharing
Remote On/Off Control
International Safety Approvals - UL, CSA, CE Mark (LVD) TUV
KEY MARKETS & APPLICATIONS
Distributed Power Blade Servers
Mid-End Servers
Network Equipment
Network Attached Storage
Storage Area Networks
FEATURES
BENEFITS
High Power Density 16W/in3
Minimizes space within your system
1U High Form Factor
Supports low profile applications
5VSB Standby Voltage
Provides voltage source for housekeeping and monitoring circuitry
I 2C Digital Control & Monitoring
Cost effective power scalability
SPECIFICATIONS
1200 Watt +12V Front End Power Supply
Input Voltage Range
85-264 VAC, 47-63 Hz
Input Current Maximum
12A @ 100VAC, 8.1A @ 180 VAC, full Load
Inrush Current
35A max. cold start (per ETS 300 132-1 and bellcore specifications)
Input Protection
Single Fused (Line) 20 Amp / 250 VAC Type 3AB Axial
Power Factor
0.99 typical complies with IEC555, EN60555-2, EN61000-3-2
Efficiency
89% typical at 230 VAC Full Load Operation, 85% Typical @ 90 VAC Full Load Operation
Output Power
1200W at High Line Operation (230 VAC), Derate to 1000W
Output Voltage Range
+12 VDC (±5%)
Output Current
100A @ +12 VDC for High Line Operation (230 VAC), reduced to 83.5 A at Low Line Operation (110 VAC)
Voltage Programming
±5% of Vout nominal. Analog input signal. 11.4V + (Vprog x 0.3V) where Vprog = 0V to 4V
Standby Bias Voltage
5VSB@500mA, reference to +12VDC Return
Voltage Regulation
±2% of Vnom for any combination of line, load and temperature
Ouput Ripple & Noise
ETS300 132-2, 32dBnrc. Bandwidth: 25Hz - 20kHz. 2mVrms pk-pk with 0.1µF ceramic and 10µF electrolytics caps
Transient Response
5% max deviation Recovery time 300µs @ 50% load step and di/dt < 1A/µs
Switching Frequency
400kHz (output)
Hold-Up Time
20ms at 1200W (typical) @ 180VAC
Remote On/Off
ON if >3V or open; OFF if <1V (max. sink 1mA) Open collector type
Current Limit Protection
110-135% of Iout Nominal
Short Circuit Protection
Self protected with auto recovery
Over Voltage Protection
+14.5-15.5 VDC max, latched. Reset condition by recycling AC Input or toggling remote on/off
Operating Temperature
-10°C to +70°C. power derating above 55°C at 2.5% per °C
Over Temperature Protection
Non latching; protection active at 110°C internal temperature, restart at 95°C (typical)
EMI
FCC-B & EN55022-B with specified filter, GR-1089-CORE
LED Indicators
Green = AC OK & DC OK, Red = Fault
Analog Status & Control
Voltage Programming (V Prog), Load sharing (I Share), Remote ON/OFF, Current Monitor (I Monitor),, Over temperature
(Temp Warning), Fault, PS Present, Module Enable
Digital Status & Control
I 2C Option, see detailed specification for details
Shock & Vibration
IEC68-2-27, MIL-STD-810E, Telecordia GR-63-CORE
Dimensions
11.20 x 4.00 x 1.65” / 284.5 x 101.6 x 41.9mm
Weight
3.0 lbs
Safety Approvals
IEC 950 per EN60950, UL60950, CSA 22.2-950, CE Mark (LVD) TUV
Options
I2C Signals, Bezel


유사한 부품 번호 - CAR1212FP

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR1212FPXXXZ01A LINEAGEPOWER-CAR1212FPXXXZ01A Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
More results

유사한 설명 - CAR1212FP

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
logo
Sparkle Power Inc.
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
   1200 Watts ATX 12V Switching Power Supply
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com