전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74725M 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC74725M
상세설명  On-Screen Display Controller LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74725M 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC74725M Datasheet HTML 2Page - Sanyo Semicon Device LC74725M Datasheet HTML 3Page - Sanyo Semicon Device LC74725M Datasheet HTML 4Page - Sanyo Semicon Device LC74725M Datasheet HTML 5Page - Sanyo Semicon Device LC74725M Datasheet HTML 6Page - Sanyo Semicon Device LC74725M Datasheet HTML 7Page - Sanyo Semicon Device LC74725M Datasheet HTML 8Page - Sanyo Semicon Device LC74725M Datasheet HTML 9Page - Sanyo Semicon Device LC74725M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
No. 5213-6/16
LC74725, 74725M
Note: When closed caption character data is extracted in NTSC-TV mode (MOD0 is high), the control microprocessor can determine whether the current
field is an odd field or an even field by checking the signal level output by the SYNCJDG pin (when SEL0 is high) at the point it detects the rise of the
LN21 signal.
Figure 4 LC74725/M to Decoder LSI (or Microprocessor) Caption Data Transfer Technique 1
(This is the basic usage mode for these LSIs.)
Caption data transfer to the data output buffer is synchronized with the falling edge of the pulse output from LN21. Therefore, the following software
processing is required if the decoder LSI (or microprocessor) does not detect the fall of LN21.
When MOD0 is low, since the data is output to the data buffer once (during the even field) in a single frame, the decoder LSI (or microprocessor) must
perform the transfer control operation at least twice per frame (about 32 ms).
When the transfer control operation is performed twice in the same frame, the second CPDT 16 bits of output data are all zeros. Therefore, the
microprocessor must determine that the data for the next frame had not been transferred to the output buffer in this case.
Note: The LC74725 hardware will not transfer data to the output buffer while CS2 is low. Therefore the decoder LSI (or microprocessor) must restore CS2
from the low level to the high level after completing a data transfer control cycle.
This transfer technique (technique 2) cannot be used in NTSC-TV mode, i.e., when MOD0 is high.
Figure 5 LC74725/M to Decoder LSI (or Microprocessor) Caption Data Transfer Technique 2
(When a port to detect the fall of LN21 cannot be allocated in the decoder LSI (or Microprocessor).)


유사한 부품 번호 - LC74725M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7472 SANYO-LC7472 Datasheet
263Kb / 14P
   On-screen Video Display Controller for NTSC or PAL-M?
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
   On-screen Video Display Controllers for NTSC or PAL-M
LC74721M SANYO-LC74721M Datasheet
289Kb / 15P
   On-screen Video Display Controllers for NTSC or PAL-M
LC74723 SANYO-LC74723 Datasheet
144Kb / 12P
   On-Screen Display Controller
LC74723M SANYO-LC74723M Datasheet
144Kb / 12P
   On-Screen Display Controller
More results

유사한 설명 - LC74725M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com