전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB5949B 데이터시트(PDF) 1 Page - Weitron Technology

부품명 SMB5949B
상세설명  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMB5949B 데이터시트(HTML) 1 Page - Weitron Technology

  SMB5949B Datasheet HTML 1Page - Weitron Technology SMB5949B Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Zener Diodes
Mechanical Data
Features:
WEITRON
http://www.weitron.com.tw
SMB5921B series
1/2
Rev.A 04-Nov-09
Lead(Pb)-Free
P b
* Glass passivated chip
* Low leakage
* Built-in strain relief
* Low inductance
* High peak reverse power dissipation
* For use in stabilizing and clipping circuits with
high power rating.
* Case: Molded plastic SMB/DO-214AA
* Epoxy: UL 94V-0 rate ame retardant
* Terminals: Solderable per MIL-STD-750 method 2026
* Polarity: cathode band
* Mounting position: Any
* Weight: 0.093 gram
SURFACE MOUNT
ZENER DIODES
3.0 WATTS
SMB(DO-214AA)
SMB Outline Dimension
SMB
Dim
Min
Max
A
B
C
D
E
G
H
J
A
B
C
D
J
G
H
E
3.30
4.06
1.96
0.15
5.00
0.10
0.76
2.00
3.94
4.80
2.21
0.31
5.59
0.20
1.52
2.62
Unit:mm


유사한 부품 번호 - SMB5949B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMB5949B SECOS-SMB5949B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5949B PACELEADER-SMB5949B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
Dc Components
SMB5949B DCCOM-SMB5949B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMB5949B SECOS-SMB5949B Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB5949B ANOVA-SMB5949B Datasheet
307Kb / 3P
   Surface Mount Zener Diodes
More results

유사한 설명 - SMB5949B

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com