전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1224 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SD1224
상세설명  Pulse Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1224 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SD1224_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1224_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1224_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1224_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1224_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1224
2006-11-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
0
0
Common emitter
Tc = 100°C
500
400
300
200
100
1
2
3
5
6
4
35
IB = 5 μA
30
25
15
10
0
20
0
0
Common emitter
VCE = 2 V
Tc = 100°C
1.0
0.8
0.6
0.4
0.2
0.4
0.8
1.2
2.0
2.4
25
1.6
−50
300
0.002
Common emitter
VCE = 2 V
Tc = 100°C
5000
3000
500
1000
0.01
0.03
0.3
1
3
−50
0.1
10000
30000
25
0.1
0.002
Tc = −50°C
5
3
1
0.5
0.3
0.01
0.03
0.1
1
3
25
0.3
Common emitter
IC/IB = 1000
10
100
0
0
Common emitter
Tc = −50°C
500
400
300
200
100
1
2
3
5
6
4
160
IB = 20 μA
140
120
80
60
0
100
40
0
0
Common emitter
Tc = 25°C
60
IB = 10 μA
500
400
300
200
100
1
2
3
5
6
50
4
40
30
20
0


유사한 부품 번호 - 2SD1224_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SD1224 TOSHIBA-2SD1224 Datasheet
175Kb / 4P
   NPN EPITAXIAL TYPE (PULSE MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results

유사한 설명 - 2SD1224_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SD2481 TOSHIBA-2SD2481_06 Datasheet
149Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
   TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
   HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
   PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com